Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASL41S9 Datasheet(PDF) 5 Page - Advanced Semiconductor Business Inc.

Part # ASL41S9
Description  5 ~ 4000 MHz High Linearity LNA MMIC
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

ASL41S9 Datasheet(HTML) 5 Page - Advanced Semiconductor Business Inc.

  ASL41S9 Datasheet HTML 1Page - Advanced Semiconductor Business Inc. ASL41S9 Datasheet HTML 2Page - Advanced Semiconductor Business Inc. ASL41S9 Datasheet HTML 3Page - Advanced Semiconductor Business Inc. ASL41S9 Datasheet HTML 4Page - Advanced Semiconductor Business Inc. ASL41S9 Datasheet HTML 5Page - Advanced Semiconductor Business Inc. ASL41S9 Datasheet HTML 6Page - Advanced Semiconductor Business Inc. ASL41S9 Datasheet HTML 7Page - Advanced Semiconductor Business Inc. ASL41S9 Datasheet HTML 8Page - Advanced Semiconductor Business Inc. ASL41S9 Datasheet HTML 9Page - Advanced Semiconductor Business Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
5/11
ASB Inc.
 sales@asb.co.kr
June 2014
ASL41S9
3.2
Performance Table
Supply voltage = +5 V, TA = +25
C, ZO = 50 
Parameter
Typical
Unit
Frequency
600
700
800
900
1000
1100
1200
MHz
Noise Figure
0.65
0.60
0.55
0.55
0.60
0.65
0.65
dB
Gain
20.4
19.4
18.4
17.5
16.6
15.9
15.3
dB
S11
-15
-20
-20
-18
-18
-18
-18
dB
S22
-18
-20
-20
-20
-20
-20
-20
dB
Output IP31)
36.0
37.5
37.5
38.0
38.0
37.5
36.5
dBm
Output P1dB
22.5
22.5
22.5
22.5
22.5
22.0
22.0
dBm
Current
72
mA
Device Voltage
+5
V
1) OIP3 is measured with two tones at the output power of +5 dBm/tone separated by 1 MHz
.
3.3
Plot of S-parameter & Stability Factor
0
500
1000
1500
2000
2500
3000
Frequency (MHz)
-60
-50
-40
-30
-20
-10
0
10
20
30
40
0
1
2
3
4
5
6
7
8
9
10
S21
S12
S11
S22
K



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com