Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASL41S9 Datasheet(PDF) 1 Page - Advanced Semiconductor Business Inc.

Part # ASL41S9
Description  5 ~ 4000 MHz High Linearity LNA MMIC
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

ASL41S9 Datasheet(HTML) 1 Page - Advanced Semiconductor Business Inc.

  ASL41S9 Datasheet HTML 1Page - Advanced Semiconductor Business Inc. ASL41S9 Datasheet HTML 2Page - Advanced Semiconductor Business Inc. ASL41S9 Datasheet HTML 3Page - Advanced Semiconductor Business Inc. ASL41S9 Datasheet HTML 4Page - Advanced Semiconductor Business Inc. ASL41S9 Datasheet HTML 5Page - Advanced Semiconductor Business Inc. ASL41S9 Datasheet HTML 6Page - Advanced Semiconductor Business Inc. ASL41S9 Datasheet HTML 7Page - Advanced Semiconductor Business Inc. ASL41S9 Datasheet HTML 8Page - Advanced Semiconductor Business Inc. ASL41S9 Datasheet HTML 9Page - Advanced Semiconductor Business Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1/11
ASB Inc.
 sales@asb.co.kr
June 2014
ASL41S9
1. Product Overview
1.1
General Description
ASL41S9, a wideband linear low noise amplifier MMIC, has low noise and high linearity, being suitable
for use in both receiver and transmitter of telecommunication systems about 500-1500 MHz. The amplifier
is available in a SOT89 package and passes through the stringent DC, RF and reliability tests.
1.2
Features
 17.5 dB Gain at 900 MHz
 0.55 dB NF at 900 MHz
 22.5 dBm P1dB at 900 MHz
 Current Adjustable: OIP3 at 900 MHz of 38 dBm @ 72mA, 43 dBm @ 90 mA
 MTTF > 100 Years
 Single Supply: +5 V
1.3
Applications
 Low Noise Amplifier for LTE, GSM, and CDMA
 Other Low Noise Application
1.4
Package Profile & RoHS Compliance
SOT89, 4.5x4.0 mm2, surface mount
RoHS-compliant
ASL41S9 Data Sheet
5 ~ 4000 MHz High Linearity LNA MMIC


Similar Part No. - ASL41S9

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor ...
ASL41S9 ASB-ASL41S9 Datasheet
510Kb / 11P
High Linearity LNA MMIC
January 2017
ASL41S9 ASB-ASL41S9_17 Datasheet
510Kb / 11P
High Linearity LNA MMIC
January 2017
More results

Similar Description - ASL41S9

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor ...
ASL03S ASB-ASL03S Datasheet
314Kb / 4P
5-4000 MHz High Linearity LNA MMIC
May 2012
ASL09C ASB-ASL09C Datasheet
225Kb / 3P
5-4000 MHz High Linearity LNA MMIC
September 2012
ASL09S ASB-ASL09S Datasheet
483Kb / 7P
5-4000 MHz High Linearity LNA MMIC
May 2012
ASL19C ASB-ASL19C Datasheet
317Kb / 4P
5-3000 MHz High Linearity LNA MMIC
September 2012
ASL19H ASB-ASL19H Datasheet
539Kb / 9P
5-4000 MHz High Linearity LNA MMIC
December 2010
ASL210 ASB-ASL210 Datasheet
505Kb / 8P
5-3000 MHz High Linearity LNA MMIC
February 2011
ASL09C ASB-ASL09C_13 Datasheet
361Kb / 3P
5 ~ 4000 MHz High Linearity LNA MMIC
September 2012
ASL19C ASB-ASL19C_15 Datasheet
920Kb / 8P
5 ~ 3000 MHz High Linearity LNA MMIC
March 2015
ASL19W ASB-ASL19W_14 Datasheet
780Kb / 22P
5-3000 MHz High Linearity LNA MMIC
April 2014
ASL29W ASB-ASL29W_13 Datasheet
727Kb / 11P
5 ~ 3000 MHz High Linearity LNA MMIC
February 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com