Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASL41S9 Datasheet(PDF) 4 Page - Advanced Semiconductor Business Inc.

Part # ASL41S9
Description  5 ~ 4000 MHz High Linearity LNA MMIC
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

ASL41S9 Datasheet(HTML) 4 Page - Advanced Semiconductor Business Inc.

  ASL41S9 Datasheet HTML 1Page - Advanced Semiconductor Business Inc. ASL41S9 Datasheet HTML 2Page - Advanced Semiconductor Business Inc. ASL41S9 Datasheet HTML 3Page - Advanced Semiconductor Business Inc. ASL41S9 Datasheet HTML 4Page - Advanced Semiconductor Business Inc. ASL41S9 Datasheet HTML 5Page - Advanced Semiconductor Business Inc. ASL41S9 Datasheet HTML 6Page - Advanced Semiconductor Business Inc. ASL41S9 Datasheet HTML 7Page - Advanced Semiconductor Business Inc. ASL41S9 Datasheet HTML 8Page - Advanced Semiconductor Business Inc. ASL41S9 Datasheet HTML 9Page - Advanced Semiconductor Business Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
4/11
ASB Inc.
 sales@asb.co.kr
June 2014
ASL41S9
3. Application: 600 ~ 1200 MHz (72 mA @ R1 = 5.1
k
)
3.1
Application Circuit & Evaluation Board
Bill of Material
Symbol
Value
Size
Description
Manufacturer
ASL41S9
-
-
MMIC Amplifier
ASB
C1
8 pF
0603
DC blocking capacitor
Murata
C2
100 pF
0603
DC blocking capacitor
Murata
C3
100 pF
0603
Decoupling capacitor
Murata
C4
1
F
0603
Decoupling capacitor
Murata
L1
15 nH
0603
Matching inductor
Murata
L2
27 nH
0603
RF choke inductor
Murata
R1
5.1 k
0603
Current adjust resistor
Samsung
R2
51 k
0603
Bias resistor
Samsung
Vdevice = +5 V
RF OUT
RF IN
ASL41S9
R1
C4
R2
L1
L2
C3
C2
C1
PCB Information
Material
FR4
Thickness (mm)
0.8
Size (mm)
40x40
EB No.
EB-89-A13
Note:
1) Connect 0

1)
Note:
1) Connect 0

Note : A shunt R1 is a bias resistor
requisite to operate ASL41S9 properly.
A user can easily ADJUST an operating
current.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com