Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADR381ARTZ-R2 Datasheet(PDF) 3 Page - Analog Devices

Part # ADR381ARTZ-R2
Description  Precision Low Drift 2.048 V/2.500 V SOT-23 Voltage Reference
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADR381ARTZ-R2 Datasheet(HTML) 3 Page - Analog Devices

  ADR381ARTZ-R2 Datasheet HTML 1Page - Analog Devices ADR381ARTZ-R2 Datasheet HTML 2Page - Analog Devices ADR381ARTZ-R2 Datasheet HTML 3Page - Analog Devices ADR381ARTZ-R2 Datasheet HTML 4Page - Analog Devices ADR381ARTZ-R2 Datasheet HTML 5Page - Analog Devices ADR381ARTZ-R2 Datasheet HTML 6Page - Analog Devices ADR381ARTZ-R2 Datasheet HTML 7Page - Analog Devices ADR381ARTZ-R2 Datasheet HTML 8Page - Analog Devices ADR381ARTZ-R2 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
ADR380/ADR381
Rev. C | Page 3 of 16
SPECIFICATIONS
ADR380 ELECTRICAL CHARACTERISTICS
VIN = 5.0 V, TA = 25°C, unless otherwise noted.
Table 2.
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Output Voltage
VOUT
2.043
2.048
2.053
V
Initial Accuracy Error
VOERR
−5
+5
mV
−0.24
+0.24
%
Temperature Coefficient
TCVOUT
−40°C < TA < +85°C
5
25
ppm/°C
0°C < TA< 70°C
3
21
ppm/°C
Minimum Supply Voltage Headroom
VIN – VOUT
ILOAD ≤ 3 mA
300
mV
Line Regulation
ΔVOUT/DVIN
VIN = 2.5 V to 15 V, −40°C < TA < +85°C
10
25
ppm/V
Load Regulation
ΔVOUT/DILOAD
VIN = 3 V, ILOAD = 0 mA to 5 mA,
−40°C < TA < +85°C
70
ppm/mA
Quiescent Current
IIN
No load
100
120
μA
−40°C < TA < +85°C
140
μA
Voltage Noise
eN
0.1 Hz to 10 Hz
5
μV p-p
Turn-On Settling Time
tR
20
μs
Long-Term Stability
ΔVOUT
1000 Hrs
50
ppm
Output Voltage Hysteresis
VOUT_HYS
40
ppm
Ripple Rejection Ratio
RRR
fIN = 60 Hz
85
dB
Short Circuit to GND
ISC
25
mA
VIN = 15.0 V, TA = 25°C, unless otherwise noted.
Table 3.
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Output Voltage
VOUT
2.043
2.048
2.053
V
Initial Accuracy Error
VOERR
−5
+5
mV
−0.24
+0.24
%
Temperature Coefficient
TCVOUT
−40°C < TA < +85°C
5
25
ppm/°C
0°C < TA < 70°C
3
21
ppm/°C
Minimum Supply Voltage Headroom
VIN − VOUT
ILOAD ≤ 3 mA
300
mV
Line Regulation
ΔVOUT/DVIN
VIN = 2.5 V to 15 V, −40°C < TA < +85°C
10
25
ppm/V
Load Regulation
ΔVOUT/DILOAD
VIN = 3 V, ILOAD = 0 mA to 5 mA,
−40°C < TA < +85°C
70
ppm/mA
Quiescent Current
IIN
No load
100
120
μA
−40°C < TA < +85°C
140
μA
Voltage Noise
eN
0.1 Hz to 10 Hz
5
μV p-p
Turn-On Settling Time
tR
20
μs
Long-Term Stability
ΔVOUT
1000 Hrs
50
ppm
Output Voltage Hysteresis
VOUT_HYS
40
ppm
Ripple Rejection Ratio
RRR
fIN = 60 Hz
85
dB
Short Circuit to GND
ISC
25
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com