Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADR381ARTZ-R2 Datasheet(PDF) 13 Page - Analog Devices

Part # ADR381ARTZ-R2
Description  Precision Low Drift 2.048 V/2.500 V SOT-23 Voltage Reference
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADR381ARTZ-R2 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADR381ARTZ-R2 Datasheet HTML 8Page - Analog Devices ADR381ARTZ-R2 Datasheet HTML 9Page - Analog Devices ADR381ARTZ-R2 Datasheet HTML 10Page - Analog Devices ADR381ARTZ-R2 Datasheet HTML 11Page - Analog Devices ADR381ARTZ-R2 Datasheet HTML 12Page - Analog Devices ADR381ARTZ-R2 Datasheet HTML 13Page - Analog Devices ADR381ARTZ-R2 Datasheet HTML 14Page - Analog Devices ADR381ARTZ-R2 Datasheet HTML 15Page - Analog Devices ADR381ARTZ-R2 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
ADR380/ADR381
Rev. C | Page 13 of 16
PRECISION HIGH CURRENT VOLTAGE SOURCE
In some cases, the user may want higher output current delivered
to a load and still achieve better than 0.5% accuracy from the
ADR380/ADR381. The accuracy for a reference is normally
specified on the data sheet with no load. However, the output
voltage changes with load current.
The circuit in Figure 30 provides high current without compromis-
ing the accuracy of the ADR380/ADR381. By op amp action,
VOUT follows VREF with very low drop in R1. To maintain circuit
equilibrium, the op amp also drives the N-Channel MOSFET
Q1 into saturation to maintain the current needed at different
loads. R2 is optional to prevent oscillation at Q1. In such an
approach, hundreds of milliamps of load current can be achieved,
and the current is limited by the thermal limitation of Q1. VIN =
VOUT + 300 mV.
GND
VOUT
VIN
3
VOUT
2
1
8V TO 15V
RL
VIN
A1
–V
+V
AD820
U1
ADR380/
ADR381
Q1
2N7002
R2
100
Ω
R1
100k
Ω
C1
0.001µF
Figure 30. ADR380/ADR381 for Precision High Current Voltage Source



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com