Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADR381ARTZ-R2 Datasheet(PDF) 8 Page - Analog Devices

Part # ADR381ARTZ-R2
Description  Precision Low Drift 2.048 V/2.500 V SOT-23 Voltage Reference
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADR381ARTZ-R2 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADR381ARTZ-R2 Datasheet HTML 4Page - Analog Devices ADR381ARTZ-R2 Datasheet HTML 5Page - Analog Devices ADR381ARTZ-R2 Datasheet HTML 6Page - Analog Devices ADR381ARTZ-R2 Datasheet HTML 7Page - Analog Devices ADR381ARTZ-R2 Datasheet HTML 8Page - Analog Devices ADR381ARTZ-R2 Datasheet HTML 9Page - Analog Devices ADR381ARTZ-R2 Datasheet HTML 10Page - Analog Devices ADR381ARTZ-R2 Datasheet HTML 11Page - Analog Devices ADR381ARTZ-R2 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
ADR380/ADR381
Rev. C | Page 8 of 16
HYSTERESIS (ppm)
0
10
20
30
40
50
60
TEMPERATURE +25°C
–40°C
+85°C
+25°C
–260 –200 –140 –80 –20
40
100 160 220 280 340 400
Figure 14. ADR381 VOUT Hysteresis
TIME (1s/DIV)
2µV/DIV
1
Figure 15. ADR381 Typical Noise Voltage, 0.1 Hz to 10 Hz
TIME (10ms/DIV)
100µV/DIV
1
Figure 16. ADR381 Typical Noise Voltage, 10 Hz to 10 kHz
TIME (10µs/DIV)
1V/DIV
0.5V/DIV
CBYPASS = 0µF
VOUT
LINE INTERRUPTION
0.5V/DIV
1
2
VIN
Figure 17. ADR381 Line Transient Response
TIME (10µs/DIV)
1V/DIV
0.5V/DIV
CBYPASS = 0.1µF
VOUT
LINE INTERRUPTION
0.5V/DIV
1
2
Figure 18. ADR381 Line Transient Response
CL = 0µF
TIME (200µs/DIV)
1V/DIV
VOUT
VLOAD ON
LOAD OFF
ILOAD = 1mA
2V/DIV
1
2
Figure 19. ADR381 Load Transient Response with CL = 0 μF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com