Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADR381ARTZ-R2 Datasheet(PDF) 10 Page - Analog Devices

Part # ADR381ARTZ-R2
Description  Precision Low Drift 2.048 V/2.500 V SOT-23 Voltage Reference
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADR381ARTZ-R2 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADR381ARTZ-R2 Datasheet HTML 6Page - Analog Devices ADR381ARTZ-R2 Datasheet HTML 7Page - Analog Devices ADR381ARTZ-R2 Datasheet HTML 8Page - Analog Devices ADR381ARTZ-R2 Datasheet HTML 9Page - Analog Devices ADR381ARTZ-R2 Datasheet HTML 10Page - Analog Devices ADR381ARTZ-R2 Datasheet HTML 11Page - Analog Devices ADR381ARTZ-R2 Datasheet HTML 12Page - Analog Devices ADR381ARTZ-R2 Datasheet HTML 13Page - Analog Devices ADR381ARTZ-R2 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
ADR380/ADR381
Rev. C | Page 10 of 16
TERMINOLOGY
Temperature Coefficient
The change of output voltage over the operating temperature
change and normalized by the output voltage at 25°C, expressed
in ppm/°C. The equation follows:
6
10
)
(
)
(
)
(
]
C
ppm/
[
×
−
×
°
−
=
°
1
2
OUT
1
OUT
2
OUT
OUT
T
T
C)
(25
V
T
V
T
V
TCV
where:
VOUT (25°C) = VOUT at 25°C.
VOUT (T1) = VOUT at Temperature 1.
VOUT (T2) = VOUT at Temperature 2.
Line Regulation
The change in output voltage due to a specified change in input
voltage. It includes the effects of self-heating. Line regulation is
expressed in either percent per volt, parts-per-million per volt,
or microvolts per volt change in input voltage.
Load Regulation
The change in output voltage due to a specified change in load
current. It includes the effects of self-heating. Load regulation is
expressed in either microvolts per milliampere, parts-per-million
per milliampere, or ohms of dc output resistance.
Long-Term Stability
A typical shift in output voltage over 1000 hours at a controlled
temperature. Figure 24 and Figure 25 show a sample of parts
measured at different intervals in a controlled environment of
50°C for 1000 hours.
6
10
)
(
)
(
)
(
]
ppm
[
)
(
)
(
×
−
=
Δ
−
=
Δ
0
UT
O
1
OUT
0
OUT
UT
O
1
UT
O
0
OUT
OUT
t
V
t
V
t
V
V
t
V
t
V
V
where:
VOUT (t0) = VOUT at Time 0.
VOUT (t1) = VOUT after 1000 hours of operation at a controlled
temperature.
Note that 50°C was chosen because most applications run at a
higher temperature than 25°C.
Thermal Hysteresis
The change of output voltage after the device is cycled through
temperature from +25°C to −40°C to +85°C and back to +25°C.
This is a typical value from a sample of parts put through such
a cycle.
6
_
_
_
_
10
)
C
25
(
]
ppm
[
×
°
−
°
=
−
°
=
C)
(25
V
V
V
V
V
C)
(25
V
V
OUT
TC
OUT
OUT
HYS
OUT
TC
OUT
UT
O
HYS
OUT
where:
VOUT (25°C) = VOUT at 25°C.
VOUT_TC = VOUT at 25°C after a temperature cycle from +25°C to
−40°C to +85°C and back to +25°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com