Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPC4091C Datasheet(PDF) 1 Page - NEC

Part # UPC4091C
Description  J-FET INPUT LOW-OFFSET OPERATIONAL AMPLIFIER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC4091C Datasheet(HTML) 1 Page - NEC

  UPC4091C Datasheet HTML 1Page - NEC UPC4091C Datasheet HTML 2Page - NEC UPC4091C Datasheet HTML 3Page - NEC UPC4091C Datasheet HTML 4Page - NEC UPC4091C Datasheet HTML 5Page - NEC UPC4091C Datasheet HTML 6Page - NEC UPC4091C Datasheet HTML 7Page - NEC UPC4091C Datasheet HTML 8Page - NEC UPC4091C Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
The information in this document is subject to change without notice.
BIPOLAR ANALOG INTEGRATED CIRCUIT
µµµµPC4091
J-FET INPUT LOW-OFFSET OPERATIONAL AMPLIFIER
Document No. G13904EJ1V0DS00 (1st edition)
Date Published November 1998 N CP(K)
Printed in Japan
DATA SHEET
©
1998
The
µPC4091 operational amplifier offers high input impedance, low offset voltage, high slew rate, and stable AC
operating characteristics. NEC's unique high-speed PNP transistor (fT = 300 MHz) in the output stage solves the
oscillation problem of current sinking with a large capacitive load. Zener-zap resistor trimming in the input stage
produces excellent offset voltage and temperature drift characteristics.
FEATURES
Stable operation with 10000 pF capacitive load
Low input offset voltage and offset voltage null
capability
±2.5 mV (MAX.)
±7
µV/°C (TYP.) temperature drift
Very low input bias and offset currents
Low noise : en = 19 nV/
√Hz (TYP.)
Output short circuit protection
High input impedance ... J-FET Input Stage
Internal frequency compensation
High slew rate: 15 V/
µs (TYP.)
ORDERING INFORMATION
Part Number
Package
µPC4091C
8-pin plastic DIP (300 mil)
µPC4091G2
8-pin plastic SOP (225 mil)
EQUIVALENT CIRCUIT
PIN CONFIGURATION
(Top View)
II
IN
Q1
Q2
Q4
Q5
Q8
D1
C1
Q10
V+
V
OUT
Q9
Q7
Q6
Q3
OFFSET
NULL
OFFSET
NULL
TRIMMED
(1)
(5)
(3)
(2)
(7)
(4)
(6)
HIGH SPEED
PNP
PC4091C, 4091G2
1
2
3
4
8
7
6
5
NC
V+
OUT
OFFSET
NULL
+
OFFSET
NULL
NC : No Connection
Remark
II
IN
V
µ


Similar Part No. - UPC4091C

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPC4091C RENESAS-UPC4091C Datasheet
289Kb / 14P
BIPOLAR ANALOG INTEGRATED CIRCUIT
1998
More results

Similar Description - UPC4091C

ManufacturerPart #DatasheetDescription
logo
NEC
UPC4092 NEC-UPC4092 Datasheet
87Kb / 12P
J-FET INPUT LOW-OFFSET DUAL OPERATIONAL AMPLIFIER
UPC4093 NEC-UPC4093 Datasheet
90Kb / 12P
J-FET INPUT LOW-OFFSET OPERATIONAL AMPLIFIER
UPC4094 NEC-UPC4094 Datasheet
89Kb / 12P
J-FET INPUT LOW-OFFSET DUAL OPERATIONAL AMPLIFIER
logo
New Japan Radio
NJM2162 NJRC-NJM2162 Datasheet
257Kb / 5P
J-FET INPUT OPERATIONAL AMPLIFIER??????
logo
NEC
UPC812 NEC-UPC812 Datasheet
401Kb / 10P
DUAL J-FET INPUT LOW-OFFSET OPRERATIONAL AMPLIFIER
logo
Renesas Technology Corp
PC4092 RENESAS-PC4092_15 Datasheet
228Kb / 12P
J-FET INPUT LOW-OFFSET DUAL OPERATIONAL AMPLIFIER
logo
NEC
UPC811 NEC-UPC811 Datasheet
391Kb / 10P
J-FET INPUT LOW-OFFSET OPERATIONAL AMPLIFIER
NEC Corporation 1987
logo
Renesas Technology Corp
UPC811 RENESAS-UPC811 Datasheet
742Kb / 8P
High Stability, Low Offset Voltage J-FET Input Operational Amplifier
2019.06.13
UPC812 RENESAS-UPC812 Datasheet
735Kb / 8P
High Stability, Low Offset Voltage J-FET Input Dual Operational Amplifier
2019.06.13
UPC813 RENESAS-UPC813 Datasheet
690Kb / 8P
High Slew Rate, Low Offset Voltage J-FET Input Operational Amplifier
2019.06.13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com