Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFD10P03LSM Datasheet(PDF) 4 Page - Intersil Corporation

Part # RFD10P03LSM
Description  10A, 30V, 0.200 Ohm, Logic Level, P-Channel Power MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

RFD10P03LSM Datasheet(HTML) 4 Page - Intersil Corporation

  RFD10P03LSM Datasheet HTML 1Page - Intersil Corporation RFD10P03LSM Datasheet HTML 2Page - Intersil Corporation RFD10P03LSM Datasheet HTML 3Page - Intersil Corporation RFD10P03LSM Datasheet HTML 4Page - Intersil Corporation RFD10P03LSM Datasheet HTML 5Page - Intersil Corporation RFD10P03LSM Datasheet HTML 6Page - Intersil Corporation RFD10P03LSM Datasheet HTML 7Page - Intersil Corporation RFD10P03LSM Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
7-6
NOTE: Refer to Intersil Application Notes AN9321 and AN9322.
FIGURE 6. UNCLAMPED INDUCTIVE SWITCHING
CAPABILITY
FIGURE 7. SATURATION CHARACTERISTICS
FIGURE 8. TRANSFER CHARACTERISTICS
FIGURE 9. DRAIN TO SOURCE ON RESISTANCE vs GATE
VOLTAGE AND DRAIN CURRENT
FIGURE 10. NORMALIZED DRAIN TO SOURCE ON
RESISTANCE vs JUNCTION TEMPERATURE
FIGURE 11. NORMALIZED DRAIN TO SOURCE BREAKDOWN
VOLTAGE vs JUNCTION TEMPERATURE
Typical Performance Curves Unless Otherwise Specified (Continued)
-50
-10
-1
0.01
0.1
1
10
tAV, TIME IN AVALANCHE (ms)
IF R
≠ 0
tAV = (L/R) ln [(IAS*R)/(1.3 RATED BVDSS - VDD) + 1]
STARTING TJ = 150
oC
STARTING TJ = 25
oC
tAV = (L) (IAS)/(1.3 RATED BVDSS - VDD)
If R = 0
0
0-1
-2
-3
-5
-10
VDS, DRAIN TO SOURCE VOLTAGE (V)
VGS = -10V
-4
-20
-15
-25
-5
PULSE DURATION = 250
µs
TC = 25
oC
DUTY CYCLE = 0.5% MAX
VGS = -4V
VGS = -3.5V
VGS = -3V
VGS = -5V
0
-3.0
-4.5
-6.0
-1.5
0
-10
175oC
VGS, GATE TO SOURCE VOLTAGE (V)
-55oC
25oC
-20
-25
-15
-5
PULSE DURATION = 250
µs
DUTY CYCLE = 0.5% MAX
VDD = -15V
0
100
200
300
400
-2
-4
-6
-8
-10
VGS, GATE TO SOURCE VOLTAGE (V)
ID = -20A
ID = -10A
ID = -5A
ID = -2.5A
PULSE DURATION = 80
µs
DUTY CYCLE = 0.5% MAX
TC = 25
oC
2.0
0.5
0
-40
0
40
TJ, JUNCTION TEMPERATURE (
oC)
120
1.0
80
1.5
160
200
-80
VGS = -5V, ID = -10A
PULSE DURATION = 80
µs
DUTY CYCLE = 0.5% MAX
1.2
1.0
0.9
0.8
-40
0
40
TJ, JUNCTION TEMPERATURE (
oC)
120
1.1
80
-80
160
200
ID =- 250uA
RFD10P03L, RFD10P03LSM, RFP10P03L



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com