Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFD10P03LSM Datasheet(PDF) 2 Page - Intersil Corporation

Part # RFD10P03LSM
Description  10A, 30V, 0.200 Ohm, Logic Level, P-Channel Power MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

RFD10P03LSM Datasheet(HTML) 2 Page - Intersil Corporation

  RFD10P03LSM Datasheet HTML 1Page - Intersil Corporation RFD10P03LSM Datasheet HTML 2Page - Intersil Corporation RFD10P03LSM Datasheet HTML 3Page - Intersil Corporation RFD10P03LSM Datasheet HTML 4Page - Intersil Corporation RFD10P03LSM Datasheet HTML 5Page - Intersil Corporation RFD10P03LSM Datasheet HTML 6Page - Intersil Corporation RFD10P03LSM Datasheet HTML 7Page - Intersil Corporation RFD10P03LSM Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
7-4
Absolute Maximum Ratings
TC = 25
oC Unless Otherwise Specifie
RFD10P03L, RFD10P03LSM,
RFP10P03L
UNITS
Drain to Source Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . VDSS
-30
V
Drain to Gate Voltage (RGS = 20KΩ). . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . VDGR
-30
V
Gate to Source Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . VGS
±10
V
Drain Current
RMS Continuous . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . ID
Pulsed Drain Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .IDM
10
See Figure 5
A
Single Pulse Avalanche Rating . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . EAS
Refer to UIS Curve
Power Dissipation . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . PD
Derate Above 25oC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
65
0.43
W
W/oC
Operating and Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . TJ, TSTG
-55 to 175
oC
Maximum Lead Temperature for Soldering . . . . . . . . . . . . . . . . . . . . . . . . . . . . .TL
(0.063in (1.6mm) from case for 10s)
300
oC
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operationofthe
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTE:
1. TJ = 25
oC to 150oC
Electrical Specifications
TC = 25
oC, Unless Otherwise Specified
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Drain to Source Breakdown Voltage
BVDSS
ID = 250µA, VGS = 0V (Figure 11)
-30
-
-
V
Gate Threshold Voltage
VGS(TH)
VGS = VDS, ID = 250µA (Figure 12)
-1
-
-2
V
Zero Gate Voltage Drain Current
IDSS
VDS = -30V,
TC = 25
oC-
-
-1
µA
VGS = 0V
TC = 150
oC
-
-
-50
µA
Gate to Source Leakage Current
IGSS
VGS = ±10V
-
-
±100
nA
Drain to Source On Resistance
(Note 1)
rDS(ON)
ID = 10A, VGS = -5V (Figures 9, 10)
-
-
0.200
Ω
ID = 10A, VGS = -4.5V (Figures 9, 10)
0.220
Ω
Turn-On Time
tON
VDD = 15V, ID ≅ 10A, RL = 1.5Ω,
RGS = 5Ω, VGS = -5V
(Figure 13)
-
-
100
ns
Turn-On Delay Time
td(ON)
-15-
ns
Rise Time
tr
-50-
ns
Turn-Off Delay Time
td(OFF)
-35-
ns
Fall Time
tf
-20-
ns
Turn-Off Time
tOFF
-
-
80
ns
Total Gate Charge
Qg(TOT)
VGS = 0 to -10V
VDD = -24V, ID ≅ 10A,
RL = 2.4Ω
Ig(REF) = -0.25mA
(Figure 14)
-25
30
nC
Gate Charge at -5V
Qg(-5)
VGS = 0 to -5V
-
13
16
nC
Threshold Gate Charge
Qg(TH)
VGS = 0 to -1V
-
1.2
1.5
nC
Input Capacitance
CISS
VDS = -25V, VGS = 0V, f = 1MHz
(Figure 15)
-
1035
-
pF
Output Capacitance
COSS
-
340
-
pF
Reverse Transfer Capacitance
CRSS
-35-
pF
Thermal Resistance, Junction to Case
RθJC
-
-
2.30
oC/W
Thermal Resistance, Junction to Ambient
RθJA
RFD10P03L, RFD10P03LSM
-
-
100
oC/W
RFP10P03L
80
oC/W
Source to Drain Diode Specifications
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Source to Drain Forward Voltage
VSD
ISD = -10A
-
-
-1.5
V
Reverse Recovery Time
trr
ISD = -10A, dISD/dt = -100A/µs-
-
75
ns
NOTE:
2. Pulse Test: Pulse width
≤ 300µs, Duty Cycle ≤ 2%.
RFD10P03L, RFD10P03LSM, RFP10P03L



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com