Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFD10P03LSM Datasheet(PDF) 3 Page - Intersil Corporation

Part # RFD10P03LSM
Description  10A, 30V, 0.200 Ohm, Logic Level, P-Channel Power MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

RFD10P03LSM Datasheet(HTML) 3 Page - Intersil Corporation

  RFD10P03LSM Datasheet HTML 1Page - Intersil Corporation RFD10P03LSM Datasheet HTML 2Page - Intersil Corporation RFD10P03LSM Datasheet HTML 3Page - Intersil Corporation RFD10P03LSM Datasheet HTML 4Page - Intersil Corporation RFD10P03LSM Datasheet HTML 5Page - Intersil Corporation RFD10P03LSM Datasheet HTML 6Page - Intersil Corporation RFD10P03LSM Datasheet HTML 7Page - Intersil Corporation RFD10P03LSM Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
7-5
Typical Performance Curves Unless Otherwise Specified
FIGURE 1. NORMALIZED POWER DISSIPATION vs CASE
TEMPERATURE
FIGURE 2. MAXIMUM CONTINUOUS DRAIN CURRENT vs
CASE TEMPERATURE
FIGURE 3. NORMALIZED MAXIMUM TRANSIENT THERMAL IMPEDANCE
FIGURE 4. FORWARD BIAS SAFE OPERATING AREA
FIGURE 5. PEAK CURRENT CAPABILITY
TC, CASE TEMPERATURE (
oC)
0
0
25
50
75
100
175
0.2
0.4
0.6
0.8
1.0
1.2
125
150
-4
-2
0
25
50
75
100
125
150
-8
TC, CASE TEMPERATURE (
oC)
-12
-6
175
-10
t, RECTANGULAR PULSE DURATION (s)
101
10-3
10-2
10-1
100
10-5
10-4
1.0
0.01
0.1
NOTES: DUTY FACTOR: D = t1/t2
PDM
t1
t2
0.1
0.02
0.2
0.5
0.01
0.05
SINGLE PULSE
2.0
PEAK TJ = PDM x ZθJC xRθJC+ TC
-100
-10
-1
-1
-10
-100
VDS, DRAIN TO SOURCE VOLTAGE (V)
OPERATION IN THIS
AREA MAY BE
LIMITED BY rDS(ON)
VDSS MAX = -30V
100ms
DC
TJ = MAX RATED
TC = 25
oC
10ms
1ms
100
µs
10-5
10-4
10-3
10-2
10-1
100
101
-10
t, PULSE WIDTH (s)
VGS = -10V
VGS = -5V
TRANSCONDUCTANCE
MAY LIMIT CURRENT
IN THIS REGION
FOR TEMPERATURES ABOVE 25oC
DERATE PEAK CURRENT
CAPABILITY AS FOLLOWS:
-5
II
25
175
T
C
150
------------------------



=
TC = 25
oC
-100
RFD10P03L, RFD10P03LSM, RFP10P03L



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com