Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFD10P03LSM Datasheet(PDF) 5 Page - Intersil Corporation

Part # RFD10P03LSM
Description  10A, 30V, 0.200 Ohm, Logic Level, P-Channel Power MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

RFD10P03LSM Datasheet(HTML) 5 Page - Intersil Corporation

  RFD10P03LSM Datasheet HTML 1Page - Intersil Corporation RFD10P03LSM Datasheet HTML 2Page - Intersil Corporation RFD10P03LSM Datasheet HTML 3Page - Intersil Corporation RFD10P03LSM Datasheet HTML 4Page - Intersil Corporation RFD10P03LSM Datasheet HTML 5Page - Intersil Corporation RFD10P03LSM Datasheet HTML 6Page - Intersil Corporation RFD10P03LSM Datasheet HTML 7Page - Intersil Corporation RFD10P03LSM Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
7-7
FIGURE 12. NORMALIZED GATE THRESHOLD VOLTAGE vs
JUNCTION TEMPERATURE
FIGURE 13. SWITCHING TIME vs GATE RESISTANCE
NOTE: Refer to Intersil Application Notes AN7254 and AN7260.
FIGURE 14. NORMALIZED SWITCHING WAVEFORMS FOR
CONSTANT GATE CURRENT
FIGURE 15. CAPACITANCE vs DRAIN TO SOURCE VOLTAGE
Test Circuits and Waveforms
FIGURE 16. UNCLAMPED ENERGY TEST CIRCUIT
FIGURE 17. UNCLAMPED ENERGY WAVEFORMS
Typical Performance Curves Unless Otherwise Specified (Continued)
-80
-40
0
40
80
120
160
0.4
0.8
1.0
1.2
TJ, JUNCTION TEMPERATURE (
oC)
200
VGS = VDS,ID = -250µA
0.6
125
20
30
40
50
0
25
100
150
50
0
10
RGS, GATE TO SOURCE RESISTANCE (Ω)
td(OFF)
td(ON)
tr
tf
75
VDD = -15V, ID = -10A, RL= 1.50Ω
-30
-22.5
-15
-7.5
0
-5.00
-3.75
-2.50
-1.25
0.00
20
IG(REF)
IG(ACT)
80
IG(REF)
IG(ACT)
t, TIME (
µs)
VDD = BVDSS
RL = 3.0Ω
IG(REF) = -0.25mA
0.75 BVDSS
0.50 BVDSS
0.25 BVDSS
0.75 BVDSS
0.50 BVDSS
0.25 BVDSS
VGS = -5V
VDD =BVDSS
800
600
400
200
0
0
-5
-10
-15
-20
-25
VDS, DRAIN TO SOURCE VOLTAGE (V)
1200
CISS
COSS
CRSS
1000
VGS = 0V, f = 0.1MHz
CISS = CGS + CGD
CRSS = CGD
COSS ≈ CDS + CGD
tP
0.01
Ω
L
IAS
+
-
VDS
VDD
RG
DUT
VARY tP TO OBTAIN
REQUIRED PEAK IAS
0V
VGS
VDD
VDS
BVDSS
tP
IAS
tAV
0
RFD10P03L, RFD10P03LSM, RFP10P03L



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com