Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFD8P06LE Datasheet(PDF) 1 Page - Intersil Corporation

Part # RFD8P06LE
Description  8A, 60V, 0.300 Ohm, ESD Rated, Logic Level, P-Channel Power MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

RFD8P06LE Datasheet(HTML) 1 Page - Intersil Corporation

  RFD8P06LE Datasheet HTML 1Page - Intersil Corporation RFD8P06LE Datasheet HTML 2Page - Intersil Corporation RFD8P06LE Datasheet HTML 3Page - Intersil Corporation RFD8P06LE Datasheet HTML 4Page - Intersil Corporation RFD8P06LE Datasheet HTML 5Page - Intersil Corporation RFD8P06LE Datasheet HTML 6Page - Intersil Corporation RFD8P06LE Datasheet HTML 7Page - Intersil Corporation RFD8P06LE Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
7-11
CAUTION: These devices are sensitive to electrostatic discharge; follow proper ESD Handling Procedures.
PSPICE® is a registered trademark of MicroSim Corporation.
http://www.intersil.com or 407-727-9207
| Copyright
© Intersil Corporation 1999
RFD8P06LE, RFD8P06LESM, RFP8P06LE
8A, 60V, 0.300 Ohm, ESD Rated, Logic
Level, P-Channel Power MOSFET
These products are P-Channel power MOSFETs
manufactured using the MegaFET process. This process,
which uses feature sizes approaching those of LSI circuits,
gives optimum utilization of silicon, resulting in outstanding
performance. They were designed for use in applications
such as switching regulators, switching converters, motor
drivers, and relay drivers. These transistors can be operated
directly from integrated circuits.
Formerly developmental type TA49203.
Features
• 8A, 60V
•rDS(ON) = 0.300Ω
• 2kV ESD Protected
• Temperature Compensating PSPICE® Model
• PSPICE Thermal Model
• Peak Current vs Pulse Width Curve
• UIS Rating Curve
• 175oC Operating Temperature
Symbol
Packaging
Ordering Information
PART NUMBER
PACKAGE
BRAND
RFD8P06LE
TO-251AA
F8P6LE
RFD8P06LESM
TO-252AA
F8P6LE
RFP8P06LE
TO-220AB
FP8P06LE
NOTE: When ordering, use the entire part number. Add the suffix 9A to
obtain the TO-252AA variant in the tape and reel, i.e.,
RFD8P06LESM9A.
D
G
S
JEDEC TO-251AA
JEDEC TO-252AA
JEDEC TO-220AB
SOURCE
DRAIN (FLANGE)
GATE
DRAIN
GATE
SOURCE
DRAIN (FLANGE)
GATE
DRAIN (FLANGE)
SOURCE
DRAIN
Data Sheet
July 1999
File Number
4273.1


Similar Part No. - RFD8P06LE

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
RFD8P06 INTERSIL-RFD8P06 Datasheet
87Kb / 8P
8A, 60V, 0.300 Ohm, P-Channel Power MOSFETs
July 1999
RFD8P06E INTERSIL-RFD8P06E Datasheet
87Kb / 8P
8A, 60V, 0.300 Ohm, P-Channel Power MOSFETs
July 1999
logo
Fairchild Semiconductor
RFD8P06E FAIRCHILD-RFD8P06E Datasheet
128Kb / 8P
8A, 60V, 0.300 Ohm, P-Channel Power MOSFETs
logo
Inchange Semiconductor ...
RFD8P06E ISC-RFD8P06E Datasheet
288Kb / 2P
isc P-Channel MOSFET Transistor
logo
Intersil Corporation
RFD8P06ESM INTERSIL-RFD8P06ESM Datasheet
87Kb / 8P
8A, 60V, 0.300 Ohm, P-Channel Power MOSFETs
July 1999
More results

Similar Description - RFD8P06LE

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
RFG60P06E FAIRCHILD-RFG60P06E Datasheet
380Kb / 8P
60A, 60V, 0.030 Ohm, ESD Rated, P-Channel Power MOSFET
logo
Intersil Corporation
RFD15N06LE INTERSIL-RFD15N06LE Datasheet
95Kb / 8P
15A, 60V, 0.065 Ohm, ESD Rated, Logic Level, N-Channel Power MOSFETs
April 1999
RFD8P05 INTERSIL-RFD8P05 Datasheet
51Kb / 6P
8A, 50V, 0.300 Ohm, P-Channel Power MOSFETs
July 1999
RFD8P06E INTERSIL-RFD8P06E Datasheet
87Kb / 8P
8A, 60V, 0.300 Ohm, P-Channel Power MOSFETs
July 1999
RFG60P06E INTERSIL-RFG60P06E Datasheet
65Kb / 7P
60A, 60V, 0.030 Ohm, ESD Rated, P-Channel Power MOSFET
July 1999
RFP30N06LE INTERSIL-RFP30N06LE Datasheet
80Kb / 8P
30A, 60V, ESD Rated, 0.047 Ohm, Logic Level N-Channel Power MOSFETs
April 1999
RFT1P06E INTERSIL-RFT1P06E Datasheet
82Kb / 8P
1.4A, 60V, 0.285 Ohm, ESD Rated, P-Channel Power MOSFET
August 1999
RFT3055LE INTERSIL-RFT3055LE Datasheet
96Kb / 10P
2.0A, 60V, 0.150 Ohm, N-Channel, Logic Level, ESD Rated, Power MOSFET
August 1999
logo
Fairchild Semiconductor
RFP30N06LE FAIRCHILD-RFP30N06LE Datasheet
188Kb / 8P
30A, 60V, ESD Rated, 0.047 Ohm, Logic Level N-Channel Power MOSFETs
RFD8P06E FAIRCHILD-RFD8P06E_02 Datasheet
128Kb / 8P
8A, 60V, 0.300 Ohm, P-Channel Power MOSFETs
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com