Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R5F10366ASP Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # R5F10366ASP
Description  RENESAS MCU
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F10366ASP Datasheet(HTML) 4 Page - Renesas Technology Corp

  R5F10366ASP Datasheet HTML 1Page - Renesas Technology Corp R5F10366ASP Datasheet HTML 2Page - Renesas Technology Corp R5F10366ASP Datasheet HTML 3Page - Renesas Technology Corp R5F10366ASP Datasheet HTML 4Page - Renesas Technology Corp R5F10366ASP Datasheet HTML 5Page - Renesas Technology Corp R5F10366ASP Datasheet HTML 6Page - Renesas Technology Corp R5F10366ASP Datasheet HTML 7Page - Renesas Technology Corp R5F10366ASP Datasheet HTML 8Page - Renesas Technology Corp R5F10366ASP Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 110 page
background image
RL78/G12
1. OUTLINE
R01DS0193EJ0200 Rev.2.00
Sep 06, 2013
Page 4 of 106
Table 1-1. List of Ordering Part Numbers
Pin
count
Package
Data flash
Fields of
Application
Part Number
20
pins
20-pin plastic
LSSOP
(4.4
× 6.5 mm,
0.65 mm pitch)
Mounted
A
R5F1026AASP#V0, R5F10269ASP#V0, R5F10268ASP#V0, R5F10267ASP#V0,
R5F10266ASP#V0
R5F1026AASP#X0, R5F10269ASP#X0, R5F10268ASP#X0, R5F10267ASP#X0,
R5F10266ASP#X0
D
R5F1026ADSP#V0, R5F10269DSP#V0, R5F10268DSP#V0, R5F10267DSP#V0,
R5F10266DSP#V0
R5F1026ADSP#X0, R5F10269DSP#X0, R5F10268DSP#X0, R5F10267DSP#X0,
R5F10266DSP#X0
G
R5F1026AGSP#V0, R5F10269GSP#V0, R5F10268GSP#V0, R5F10267GSP#V0,
R5F10266GSP#V0
R5F1026AGSP#X0, R5F10269GSP#X0, R5F10268GSP#X0, R5F10267GSP#X0,
R5F10266GSP#X0
Not mounted
A
R5F1036AASP#V0, R5F10369ASP#V0, R5F10368ASP#V0, R5F10367ASP#V0,
R5F10366ASP#V0
R5F1036AASP#X0, R5F10369ASP#X0, R5F10368ASP#X0, R5F10367ASP#X0,
R5F10366ASP#X0
D
R5F1036ADSP#V0, R5F10369DSP#V0, R5F10368DSP#V0, R5F10367DSP#V0,
R5F10366DSP#V0
R5F1036ADSP#X0, R5F10369DSP#X0, R5F10368DSP#X0, R5F10367DSP#X0,
R5F10366DSP#X0
24
pins
24-pin plastic
HWQFN
(4
× 4 mm, 0.5
mm pitch)
Mounted
A
R5F1027AANA#U0, R5F10279ANA#U0, R5F10278ANA#U0, R5F10277ANA#U0
R5F1027AANA#W0, R5F10279ANA#W0, R5F10278ANA#W0,
R5F10277ANA#W0
D
R5F1027ADNA#U0, R5F10279DNA#U0, R5F10278DNA#U0, R5F10277DNA#U0
R5F1027ADNA#W0, R5F10279DNA#W0, R5F10278DNA#W0,
R5F10277DNA#W0
G
R5F1027AGNA#U0, R5F10279GNA#U0, R5F10278GNA#U0,
R5F10277GNA#U0
R5F1027AGNA#W0, R5F10279GNA#W0, R5F10278GNA#W0,
R5F10277GNA#W0
Not mounted
A
R5F1037AANA#V0, R5F10379ANA#V0, R5F10378ANA#V0, R5F10377ANA#V0
R5F1037AANA#X0, R5F10379ANA#X0, R5F10378ANA#X0, R5F10377ANA#X0
D
R5F1037ADNA#V0, R5F10379DNA#V0, R5F10378DNA#V0, R5F10377DNA#V0
R5F1037ADNA#X0, R5F10379DNA#X0, R5F10378DNA#X0, R5F10377DNA#X0
30
pins
30-pin plastic
LSSOP
(7.62 mm
(300), 0.65 mm
pitch )
Mounted
A
R5F102AAASP#V0, R5F102A9ASP#V0, R5F102A8ASP#V0, R5F102A7ASP#V0
R5F102AAASP#X0, R5F102A9ASP#X0, R5F102A8ASP#X0, R5F102A7ASP#X0
D
R5F102AADSP#V0, R5F102A9DSP#V0, R5F102A8DSP#V0, R5F102A7DSP#V0
R5F102AADSP#X0, R5F102A9DSP#X0, R5F102A8DSP#X0, R5F102A7DSP#X0
G
R5F102AAGSP#V0, R5F102A9GSP#V0, R5F102A8GSP#V0,
R5F102A7GSP#V0
R5F102AAGSP#X0, R5F102A9GSP#X0, R5F102A8GSP#X0,
R5F102A7GSP#X0
Not mounted
A
R5F103AAASP#V0, R5F103A9ASP#V0, R5F103A8ASP#V0, R5F103A7ASP#V0
R5F103AAASP#X0, R5F103A9ASP#X0, R5F103A8ASP#X0, R5F103A7ASP#X0
D
R5F103AADSP#V0, R5F103A9DSP#V0, R5F103A8DSP#V0, R5F103A7DSP#V0
R5F103AADSP#X0, R5F103A9DSP#X0, R5F103A8DSP#X0, R5F103A7DSP#X0
Note
For fields of application, see Figure 1-1. Part Number, Memory Size, and Package of RL78/G12.
Caution
The ordering part numbers represent the numbers at the time of publication. For the latest ordering
part numbers, refer to the target product page of the Renesas Electronics website.
<R>
<R>



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com