Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R5F10366ASP Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # R5F10366ASP
Description  RENESAS MCU
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F10366ASP Datasheet(HTML) 1 Page - Renesas Technology Corp

  R5F10366ASP Datasheet HTML 1Page - Renesas Technology Corp R5F10366ASP Datasheet HTML 2Page - Renesas Technology Corp R5F10366ASP Datasheet HTML 3Page - Renesas Technology Corp R5F10366ASP Datasheet HTML 4Page - Renesas Technology Corp R5F10366ASP Datasheet HTML 5Page - Renesas Technology Corp R5F10366ASP Datasheet HTML 6Page - Renesas Technology Corp R5F10366ASP Datasheet HTML 7Page - Renesas Technology Corp R5F10366ASP Datasheet HTML 8Page - Renesas Technology Corp R5F10366ASP Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 110 page
background image
Datasheet
R01DS0193EJ0200 Rev.2.00
Sep 06, 2013
Page 1 of 106
R01DS0193EJ0200
Rev.2.00
Sep 06, 2013
RL78/G12
RENESAS MCU
True Low Power Platform (as low as 63 μA/MHz), 1.8V to 5.5V operation,
2 to 16 Kbyte Flash, 31 DMIPS at 24MHz, for General Purpose Applications
1. OUTLINE
1.1 Features
Ultra-Low Power Technology
• 1.8 V to 5.5 V operation from a single supply
• Stop (RAM retained): 0.23 µA, (LVD enabled): 0.31 µA
• Snooze: 0.7 mA (UART), 1.20 mA (ADC)
• Operating: 63 µA /MHz
16-bit RL78 CPU Core
• Delivers 31 DMIPS at maximum operating frequency
of 24 MHz
• Instruction Execution: 86 % of instructions can be
executed in 1 to 2 clock cycles
• CISC Architecture (Harvard) with 3-stage pipeline
• Multiply Signed & Unsigned: 16 x 16 to 32-bit result in
1 clock cycle
• MAC: 16 x 16 to 32-bit result in 2 clock cycles
• 16-bit barrel shifter for shift & rotate in 1 clock cycle
• 1-wire on-chip debug function
Main Flash Memory
• Density: 2 KB to 16 KB
• Block size: 1 KB
• On-chip single voltage flash memory with protection
from block erase/writing
Data Flash Memory
• Data Flash with background operation
• Data flash size: 2 KB size options
• Erase Cycles: 1 Million (typ.)
• Erase/programming voltage: 1.8 V to 5.5 V
RAM
• 256 B to 1.5 KB size options
• Supports operands or instructions
• Back-up retention in all modes
High-speed Oscillator Oscillator
• 24MHz with +/- 1% accuracy over voltage (1.8 V to
5.5 V) and temperature (-20 °C to 85 °C)
• Pre-configured settings: 24 MHz, 16 MHz, 12 MHz,
8 MHz, 6 MHz, 4 MHz, 3 MHz, 2 MHz, and 1 MHz
Reset and Supply Management
• Power-on reset (POR) monitor/generator
• Low voltage detection (LVD) with 12 setting options
(Interrupt and/or reset function)
Data Memory Access (DMA) Controller
• Up to 2 fully programmable channels
• Transfer unit: 8- or 16-bit
Multiple Communication Interfaces
• Up to 3 x I
2C master
• Up to 1 x I
2C multi-master
• Up to 3 x CSI/SPI (7-, 8-bit)
• Up to 3 x UART (7-, 8-, 9-bit)
Extended-Function Timers
• Multi-function 16-bit timers: Up to 8 channels
• Interval Timer: 12-bit, 1 channel
• 15 kHz watchdog timer : 1 channel (window function)
Rich Analog
• ADC: Up to 11 channels, 10-bit resolution, 2.1 µs
conversion time
• Supports 1.8 V to 5.5 V
• Internal voltage reference (1.45 V)
• On-chip temperature sensor
Safety Features (IEC or UL 60730 compliance)
• Flash memory CRC calculation
• RAM parity error check
• RAM write protection
• SFR write protection
• Illegal memory access detection
• Clock stop/ frequency detection
• ADC self-test
General Purpose I/O
• 5 V tolerant, high-current (up to 20 mA per pin)
• Open-Drain, Internal Pull-up support
Operating Ambient Temperature
• Standard: –40 °C to +85 °C
• Extended: –40 °C to +105 °C
Package Type and Pin Count
• QFN: 24
• SSOP: 20, 30
* There is difference in specifications between every product.
Please refer to specification for details.
<R>


Similar Part No. - R5F10366ASP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R5F10366ASP RENESAS-R5F10366ASP Datasheet
1Mb / 114P
True low-power platform (63 μA/MHz) for the general-purpose applications, with 1.8-V to 5.5-V operation, 2- to 16-Kbyte code flash memory, and 31 DMIPS at 24 MHz
Rev.2.50 Jan 17, 2025
More results

Similar Description - R5F10366ASP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
32C8B RENESAS-32C8B Datasheet
1Mb / 69P
RENESAS MCU
R32C118A RENESAS-R32C118A_15 Datasheet
940Kb / 132P
RENESAS MCU
RL78 RENESAS-RL78_15 Datasheet
1Mb / 153P
RENESAS MCU
RL78G1G RENESAS-RL78G1G_15 Datasheet
775Kb / 70P
RENESAS MCU
R32C151 RENESAS-R32C151_15 Datasheet
774Kb / 122P
RENESAS MCU
R8C33C RENESAS-R8C33C_15 Datasheet
528Kb / 56P
RENESAS MCU
R8C36W RENESAS-R8C36W_15 Datasheet
631Kb / 71P
RENESAS MCU
M16C5LD RENESAS-M16C5LD_15 Datasheet
673Kb / 88P
RENESAS MCU
R8C3GM RENESAS-R8C3GM_15 Datasheet
530Kb / 56P
RENESAS MCU
R8C3JM RENESAS-R8C3JM_15 Datasheet
543Kb / 57P
RENESAS MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com