Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R5F10366ASP Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # R5F10366ASP
Description  RENESAS MCU
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F10366ASP Datasheet(HTML) 2 Page - Renesas Technology Corp

  R5F10366ASP Datasheet HTML 1Page - Renesas Technology Corp R5F10366ASP Datasheet HTML 2Page - Renesas Technology Corp R5F10366ASP Datasheet HTML 3Page - Renesas Technology Corp R5F10366ASP Datasheet HTML 4Page - Renesas Technology Corp R5F10366ASP Datasheet HTML 5Page - Renesas Technology Corp R5F10366ASP Datasheet HTML 6Page - Renesas Technology Corp R5F10366ASP Datasheet HTML 7Page - Renesas Technology Corp R5F10366ASP Datasheet HTML 8Page - Renesas Technology Corp R5F10366ASP Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 110 page
background image
RL78/G12
1. OUTLINE
R01DS0193EJ0200 Rev.2.00
Sep 06, 2013
Page 2 of 106
ROM, RAM capacities
Code flash
Data flash
RAM
20 pins
24 pins
30 pins
16 KB
2 KB
2 KB
⎯
⎯
R5F102AA
⎯
⎯
⎯
R5F103AA
2 KB
1.5 KB
R5F1026A
Note 1
R5F1027A
Note 1
⎯
⎯
R5F1036A
Note 1
R5F1037A
Note 1
⎯
12 KB
2KB
1 KB
R5F10269
Note 1
R5F10279
Note 1
R5F102A9
⎯
R5F10369
Note 1
R5F10379
Note 1
R5F103A9
8 KB
2 KB
768 B
R5F10268
Note 1
R5F10278
Note 1
R5F102A8
⎯
R5F10368
Note 1
R5F10378
Note 1
R5F103A8
4 KB
2KB
512 B
R5F10267
R5F10277
R5F102A7
⎯
R5F10367
R5F10377
R5F103A7
2 KB
2 KB
256 B
R5F10266
Note 2
⎯
⎯
⎯
R5F10366
Note 2
⎯
⎯
Notes 1.
This is 640 bytes when the self-programming function or data flash function is used. (For details, see
CHAPTER 3 CPU ARCHITECTURE in the RL78/G12 User’s Manual Hardware
.)
2.
The self-programming function cannot be used for R5F10266 and R5F10366.
Caution
When the flash memory is rewritten via a user program, the code flash area and RAM area are used
because each library is used. When using the library, refer to RL78 Family Flash Self Programming
Library Type01 User's Manual and RL78 Family Data Flash Library Type04 User's Manual.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com