Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R5F10366ASP Datasheet(PDF) 26 Page - Renesas Technology Corp

Part # R5F10366ASP
Description  RENESAS MCU
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F10366ASP Datasheet(HTML) 26 Page - Renesas Technology Corp

Back Button R5F10366ASP Datasheet HTML 22Page - Renesas Technology Corp R5F10366ASP Datasheet HTML 23Page - Renesas Technology Corp R5F10366ASP Datasheet HTML 24Page - Renesas Technology Corp R5F10366ASP Datasheet HTML 25Page - Renesas Technology Corp R5F10366ASP Datasheet HTML 26Page - Renesas Technology Corp R5F10366ASP Datasheet HTML 27Page - Renesas Technology Corp R5F10366ASP Datasheet HTML 28Page - Renesas Technology Corp R5F10366ASP Datasheet HTML 29Page - Renesas Technology Corp R5F10366ASP Datasheet HTML 30Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 110 page
background image
RL78/G12
2. ELECTRICAL SPECIFICATIONS (A, D: TA =
−40 to +85°C)
R01DS0193EJ0200 Rev.2.00
Sep 06, 2013
Page 26 of 106
(2) 30-pin products
(TA =
−40 to +85°C, 1.8 V ≤ VDD ≤ 5.5 V, VSS = 0 V)
(2/2)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Supply
current
Note 1
IDD2
Note 2
HALT
mode
HS (High-speed
main) mode
Note 6
fIH = 24 MHz
Note 4
VDD = 5.0 V
440
1280
μA
VDD = 3.0 V
440
1280
fIH = 16 MHz
Note 4
VDD = 5.0 V
400
1000
μA
VDD = 3.0 V
400
1000
LS (Low-speed
main) mode
Note 6
fIH = 8 MHz
Note 4
VDD = 3.0 V
260
530
μA
VDD = 2.0 V
260
530
HS (High-speed
main) mode
Note 6
fMX = 20 MHz
Note 3,
VDD = 5.0 V
Square wave input
280
1000
μA
Resonator connection
450
1170
fMX = 20 MHz
Note 3,
VDD = 3.0 V
Square wave input
280
1000
μA
Resonator connection
450
1170
fMX = 10 MHz
Note 3,
VDD = 5.0 V
Square wave input
190
600
μA
Resonator connection
260
670
fMX = 10 MHz
Note 3,
VDD = 3.0 V
Square wave input
190
600
μA
Resonator connection
260
670
LS (Low-speed
main) mode
Note 6
fMX = 8 MHz
Note 3,
VDD = 3.0 V
Square wave input
95
330
μA
Resonator connection
145
380
fMX = 8 MHz
Note 3
VDD = 2.0 V
Square wave input
95
330
μA
Resonator connection
145
380
IDD3
Note 5
STOP
mode
TA =
−40°C
0.18
0.50
μA
TA = +25
°C
0.23
0.50
TA = +50
°C
0.30
1.10
TA = +70
°C
0.46
1.90
TA = +85
°C
0.75
3.30
Notes 1.
Total current flowing into VDD, including the input leakage current flowing when the level of the input pin is
fixed to VDD or VSS. The values below the MAX. column include the peripheral operation current. However,
not including the current flowing into the A/D converter, LVD circuit, I/O port, and on-chip pull-up/pull-down
resistors and the current flowing during data flash rewrite.
2.
During HALT instruction execution by flash memory.
3.
When high-speed on-chip oscillator clock is stopped.
4.
When high-speed system clock is stopped.
5.
Not including the current flowing into the 12-bit interval timer and watchdog timer.
6.
Relationship between operation voltage width, operation frequency of CPU and operation mode is as
follows.
HS (High speed main) mode: VDD = 2.7 V to 5.5 V @1 MHz to 24 MHz
VDD = 2.4 V to 5.5 V @1 MHz to 16 MHz
LS (Low speed main) mode: VDD = 1.8 V to 5.5 V @1 MHz to 8 MHz
Remarks 1.
fMX: High-speed system clock frequency (X1 clock oscillation frequency or external main system clock
frequency)
2.
fIH: high-speed on-chip oscillator clock frequency
3.
Except STOP mode, temperature condition of the TYP. value is TA = 25
°C.
<R>
<R>



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com