Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE1084 Datasheet(PDF) 3 Page - ACE Technology Co., LTD.

Part # ACE1084
Description  5A Bipolar Linear Regulator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE1084 Datasheet(HTML) 3 Page - ACE Technology Co., LTD.

  ACE1084 Datasheet HTML 1Page - ACE Technology Co., LTD. ACE1084 Datasheet HTML 2Page - ACE Technology Co., LTD. ACE1084 Datasheet HTML 3Page - ACE Technology Co., LTD. ACE1084 Datasheet HTML 4Page - ACE Technology Co., LTD. ACE1084 Datasheet HTML 5Page - ACE Technology Co., LTD. ACE1084 Datasheet HTML 6Page - ACE Technology Co., LTD. ACE1084 Datasheet HTML 7Page - ACE Technology Co., LTD. ACE1084 Datasheet HTML 8Page - ACE Technology Co., LTD. ACE1084 Datasheet HTML 9Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
ACE1084
5A Bipolar Linear Regulator
VER 1.4
3
Typical Electrical Characteristics
ACE1084-ADJ Vout vs. Temp
Fig 2. Dropout
Voltage VS. Output Current
Recommended work conditions
Parameter
Value
Input Voltage Range
Max. 15V
Operating Junction Temperature (TJ) 0
OC ~ 125 OC
Ordering information
ACE1084 XX XX
+
H
Halogen - free
Output Voltage : 1.8 / 3.3V / Default: Adjustable Version
Pb - free
YM :
TO-252
2WN: TO-263-2
1WN :TO-263-3
ZM :
TO-220



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com