Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE1084 Datasheet(PDF) 7 Page - ACE Technology Co., LTD.

Part # ACE1084
Description  5A Bipolar Linear Regulator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE1084 Datasheet(HTML) 7 Page - ACE Technology Co., LTD.

Back Button ACE1084 Datasheet HTML 3Page - ACE Technology Co., LTD. ACE1084 Datasheet HTML 4Page - ACE Technology Co., LTD. ACE1084 Datasheet HTML 5Page - ACE Technology Co., LTD. ACE1084 Datasheet HTML 6Page - ACE Technology Co., LTD. ACE1084 Datasheet HTML 7Page - ACE Technology Co., LTD. ACE1084 Datasheet HTML 8Page - ACE Technology Co., LTD. ACE1084 Datasheet HTML 9Page - ACE Technology Co., LTD. ACE1084 Datasheet HTML 10Page - ACE Technology Co., LTD. ACE1084 Datasheet HTML 11Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
ACE1084
5A Bipolar Linear Regulator
VER 1.4
7
1/(2π* Frequency
Ripple *Cadj)<R1
A 10µF tan capacitor is recommended.
Fig 3. Typical Application circuit of ACE1084
EXPLANATION
The output voltage of adjustable version satisfies this followed equation:
Vout= VRefx(1+R2/R1)+IAdj×R2.
The second term IAdj×R2 can be ignored since the adjustable pin current IAdj (~ 50µA) is much
less than the current through R1 (~ 4mA).
The value of R1
is preferred in the range of 120
Ω~200Ω and the total output current of the
adjustable version of LC1084 needs to exceed 10mA to assure normal chip operation.
ACE1084
ACE1084



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com