Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE1084 Datasheet(PDF) 5 Page - ACE Technology Co., LTD.

Part # ACE1084
Description  5A Bipolar Linear Regulator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE1084 Datasheet(HTML) 5 Page - ACE Technology Co., LTD.

  ACE1084 Datasheet HTML 1Page - ACE Technology Co., LTD. ACE1084 Datasheet HTML 2Page - ACE Technology Co., LTD. ACE1084 Datasheet HTML 3Page - ACE Technology Co., LTD. ACE1084 Datasheet HTML 4Page - ACE Technology Co., LTD. ACE1084 Datasheet HTML 5Page - ACE Technology Co., LTD. ACE1084 Datasheet HTML 6Page - ACE Technology Co., LTD. ACE1084 Datasheet HTML 7Page - ACE Technology Co., LTD. ACE1084 Datasheet HTML 8Page - ACE Technology Co., LTD. ACE1084 Datasheet HTML 9Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
ACE1084
5A Bipolar Linear Regulator
VER 1.4
5
ACE1084-5.0V, Vin=12V
2
5
ACE1084-12.0V, Vin=20V
2
5
Drupout Voltage
(note 3)
IADJ-IOUT
1.4
V
Iadj change
Ichange
10mA≦Iout≦5A
1.5V≦Vin-Vout≦6V
0.4
10
uA
Current Limit
Vin-Vout=2V, TJ=25℃
7
A
Minimum load
Current
lmin
ACE1084-ADJ
3
10
mA
Quiescent
Current
Iq
Vin=10V
5
10
mA
Adjust Pin
Current(Adjustable
Version)
lAdj
2.85V≦ViN≦4.25V,10mA≦lout≦5A
45
120
uA
Ripple
Rejection
F-120Hz,Cout=25uF(tan),
Lout=5A,Vin-Vout=3V
60
dB
Adjust Pin
Current Change
lchange
10mA ≦lout≦5A
1.5V≦Vin-Vout≦6V
0.4
10
uA
Temperature
Stability
Lout=10Ma,
Vin-Vout=1.5v
0.5
%
Thermal
Resistance
Junction to case
θ
JC
TO-252
TO-263
TO-220
12.5
3
3
OC/W
Over
Temperature
Protection
OTP
150
OC
Note1: Line Regulation and Load Regulation in Table1 are tested under constant
junction temperature.
Note2: When load current varies between 0~5A and Vin-Vout ranges from 1.5V~6V at constant
junction temperature, the parameter is satisfied the criterion in table. If temperature varies between
0°C
≤TA≤80°C,it needs output current to be larger than 10mA to satisfy the criterion.
Note3: Dropout Voltage is the voltage difference between the input and output pin when the input
voltage is minimum to maintain the lowest spec output voltage.
Note4: Minimum Load Current is defined as the minimum output current necessary to maintain
regulation. Specified output accuracy can be met when the output current exceeds the minimum
load current (10mA) and the dropout voltage
(Vin-Vout) lies between 1.5V and 6V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com