Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE1084 Datasheet(PDF) 1 Page - ACE Technology Co., LTD.

Part # ACE1084
Description  5A Bipolar Linear Regulator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE1084 Datasheet(HTML) 1 Page - ACE Technology Co., LTD.

  ACE1084 Datasheet HTML 1Page - ACE Technology Co., LTD. ACE1084 Datasheet HTML 2Page - ACE Technology Co., LTD. ACE1084 Datasheet HTML 3Page - ACE Technology Co., LTD. ACE1084 Datasheet HTML 4Page - ACE Technology Co., LTD. ACE1084 Datasheet HTML 5Page - ACE Technology Co., LTD. ACE1084 Datasheet HTML 6Page - ACE Technology Co., LTD. ACE1084 Datasheet HTML 7Page - ACE Technology Co., LTD. ACE1084 Datasheet HTML 8Page - ACE Technology Co., LTD. ACE1084 Datasheet HTML 9Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
ACE1084
5A Bipolar Linear Regulator
VER 1.4
1
Description
ACE1084 is a series of low dropout three-terminal regulators with a typical dropout voltage of 1.4V at 5A
load current.
Other than fixed voltage versions (1.8V, 2.5V, 3.3V, 5.0V), ACE1084 has an adjustable voltage version,
with which desired voltage can be achieved by setting the values of two external resistors of the
application circuitry.
ACE1084 offers thermal shut down and current limit functions, to assure stability of chip and power
system.
ACE1084 series is available in standard pcakages of TO-263-2L, TO-263-3L, TO-220 and TO-252.
Features
● Fixed and adjustable versions.
● Maximum output current is 5A.
● Maximum input voltage: 15V
● Line regulation: 0.2% (typ.)
● Load regulation: 0.2% (typ.)
● On-Chip Thermal Shutdown
● Operation environment Temperature: 0℃~80℃
Application
● Power Management for Computer Mother Board, Graphic Card
● Battery Charger
● Post Regulators for switching supplies
● Microprocessor Supply.
Absolute Maximum Ratings
Parameter
Value
Max Input Valtage
15V
Operating Junction Temperature(Tj)
150
OC
Ambient Temperature
0
OC-80 OC
Package Thermal Resistance
TO-252
12..5
OC/W
TO-263
3.
OC/W
TO-220
3.
OC/W
Storage temperature(Ts)
-40
OC-150 OC
Lead Temperature & Time
260
OC,10S
Note: Exceed these limits to damage to the device. Exposure to absolute maximum rating conditions may affect device reliability.


Similar Part No. - ACE1084

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE1084 ACE-ACE1084 Datasheet
1Mb / 13P
1A Bipolar Linear Regulator
VER 1.2
ACE1084 ACE-ACE1084_17 Datasheet
1Mb / 13P
1A Bipolar Linear Regulator
VER 1.2
More results

Similar Description - ACE1084

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L4956 STMICROELECTRONICS-L4956 Datasheet
80Kb / 8P
5A LOW DROP LINEAR REGULATOR
Mar-1998
logo
Cherry Semiconductor Co...
CS5205A-1 CHERRY-CS5205A-1 Datasheet
154Kb / 6P
5A Adjustable Linear Regulator
Rev. 7/8/97
logo
Ceramate Technical
CP1084 CERAMATE-CP1084 Datasheet
327Kb / 11P
5A Dropout Linear Regulator
logo
BCD Semiconductor Manuf...
AZ1084 BCDSEMI-AZ1084_10 Datasheet
918Kb / 21P
5A LOW DROPOUT LINEAR REGULATOR
logo
SHANGHAI BELLING CO., L...
BL1084 BELLING-BL1084 Datasheet
677Kb / 13P
5A Bipolar Linear Regulator
logo
BCD Semiconductor Manuf...
AZ1084 BCDSEMI-AZ1084_13 Datasheet
918Kb / 21P
5A LOW DROPOUT LINEAR REGULATOR
logo
Global Mixed-mode Techn...
G9084 GMT-G9084 Datasheet
52Kb / 2P
5A Low-Dropout Linear Regulator
logo
Seaward Electronics Inc...
SE1084 SEAWARD-SE1084 Datasheet
549Kb / 12P
5A Low Dropout Linear Regulator
logo
SHANGHAI BELLING CO., L...
BL1084 BELLING-BL1084_13 Datasheet
559Kb / 13P
5A Bipolar Linear Regulator
logo
AiT Semiconductor Inc.
A1084 AITSEMI-A1084 Datasheet
905Kb / 13P
BIPOLAR LDO REGULATOR 5A BIPOLAR LINEAR REGULATOR
REV1.3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com