Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5455 Datasheet(PDF) 2 Page - California Eastern Labs

Part # 2SC5455
Description  NPN EPITAXIAL SILICON TRANSISTOR
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

2SC5455 Datasheet(HTML) 2 Page - California Eastern Labs

  2SC5455 Datasheet HTML 1Page - California Eastern Labs 2SC5455 Datasheet HTML 2Page - California Eastern Labs 2SC5455 Datasheet HTML 3Page - California Eastern Labs 2SC5455 Datasheet HTML 4Page - California Eastern Labs 2SC5455 Datasheet HTML 5Page - California Eastern Labs 2SC5455 Datasheet HTML 6Page - California Eastern Labs 2SC5455 Datasheet HTML 7Page - California Eastern Labs 2SC5455 Datasheet HTML 8Page - California Eastern Labs 2SC5455 Datasheet HTML 9Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
NE67839 / 2SC5455
2
hFE CLASSIFICATION
RANK
FB
Marking
R55
hFE
75 to 150
TYPICAL CHARACTERISTICS (TA = 25 °C)
0
25
50
60
1.0
0.5
VBE - DC Base Voltage - V
0
TA - Ambient Temperature - °C
150
100
50
100
200
200
100
50
IC - Collector Current - mA
DC CURRENT GAIN vs. COLLECTOR CURRENT
COLLECTOR CURRENT vs.
COLLECTOR TO EMITTER VOLTAGE
0
1
2
3
4
5
6
7
VCE - Collector to Emitter Voltage - V
40
35
30
25
20
15
10
5
Free Air
200 A
μ
160 A
140 A
120 A
80 A
60 A
IB = 20 A
20
10
0.1 0.2 0.5 1 2
5
100
0
VCE = 3 V
VCE = 3 V
180 A
40 A
100 A
TOTAL POWER DISSIPATION
vs. AMBIENT TEMPERATURE
COLLECTOR CURRENT vs. DC BASE VOLTAGE
μ
μ
μ
μ
μ
μ
μ
μ
μ



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com