Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5455 Datasheet(PDF) 5 Page - California Eastern Labs

Part # 2SC5455
Description  NPN EPITAXIAL SILICON TRANSISTOR
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

2SC5455 Datasheet(HTML) 5 Page - California Eastern Labs

  2SC5455 Datasheet HTML 1Page - California Eastern Labs 2SC5455 Datasheet HTML 2Page - California Eastern Labs 2SC5455 Datasheet HTML 3Page - California Eastern Labs 2SC5455 Datasheet HTML 4Page - California Eastern Labs 2SC5455 Datasheet HTML 5Page - California Eastern Labs 2SC5455 Datasheet HTML 6Page - California Eastern Labs 2SC5455 Datasheet HTML 7Page - California Eastern Labs 2SC5455 Datasheet HTML 8Page - California Eastern Labs 2SC5455 Datasheet HTML 9Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
5
S PARAMETERS
VCE = 3.0 V, IC = 5.0 mA, Z0 = 50 Ω
FREQUENCY
S11
S21
S12
S22
MHz
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
100.00
0.849
–29.2
14.200
159.5
0.026
74.3
0.948
–16.9
200.00
0.792
–55.4
12.643
142.7
0.046
60.0
0.849
–32.0
300.00
0.732
–78.7
11.179
128.9
0.060
49.1
0.742
–43.3
400.00
0.688
–97.0
9.470
118.4
0.069
41.5
0.644
–52.7
500.00
0.640
–113.2
8.319
107.7
0.074
36.6
0.569
–58.6
600.00
0.613
–127.0
7.339
100.0
0.078
32.3
0.511
–64.0
700.00
0.594
–137.9
6.450
93.3
0.080
30.4
0.462
–69.0
800.00
0.581
–147.8
5.764
87.3
0.082
28.7
0.427
–73.1
900.00
0.574
–156.2
5.176
82.2
0.083
26.9
0.395
–77.0
1000.00
0.570
–163.6
4.717
77.3
0.084
26.3
0.374
–80.9
1100.00
0.569
–170.1
4.318
72.9
0.085
25.4
0.358
–84.8
1200.00
0.570
–176.2
3.974
68.7
0.086
25.9
0.343
–88.1
1300.00
0.574
178.4
3.673
64.7
0.086
26.2
0.334
–92.4
1400.00
0.577
173.4
3.429
60.7
0.087
26.3
0.326
–96.2
1500.00
0.583
168.7
3.202
57.1
0.089
26.8
0.322
–100.4
1600.00
0.589
164.5
2.984
53.5
0.090
27.3
0.321
–103.9
1700.00
0.596
160.5
2.831
49.9
0.091
28.1
0.316
–108.7
1800.00
0.603
156.8
2.669
46.5
0.093
29.2
0.319
–111.9
1900.00
0.610
153.0
2.523
42.7
0.095
29.7
0.319
–117.2
2000.00
0.617
149.9
2.396
39.6
0.097
30.6
0.323
–119.9
2100.00
0.624
146.4
2.268
36.1
0.099
31.2
0.328
–125.4
2200.00
0.632
143.5
2.162
32.9
0.102
31.6
0.333
–127.0
2300.00
0.637
140.5
2.044
29.9
0.104
32.7
0.341
–133.3
2400.00
0.645
137.6
1.952
26.7
0.108
33.4
0.346
–133.8
2500.00
0.646
135.1
1.870
24.4
0.111
34.1
0.357
–139.6
2600.00
0.654
132.4
1.773
21.2
0.115
34.6
0.369
–140.4
2700.00
0.660
130.3
1.712
18.2
0.120
35.2
0.384
–145.9
2800.00
0.666
127.7
1.632
15.9
0.124
34.7
0.393
–148.1
2900.00
0.673
125.7
1.561
12.6
0.129
34.5
0.412
–152.4
3000.00
0.676
123.3
1.494
10.7
0.133
34.3
0.418
–155.2
VCE = 3.0 V, IC = 10.0 mA, Z0 = 50 Ω
FREQUENCY
S11
S21
S12
S22
MHz
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
100.00
0.741
–41.6
23.253
153.2
0.023
69.0
0.898
–25.2
200.00
0.668
–75.4
19.107
132.8
0.039
55.1
0.737
–44.8
300.00
0.612
–101.6
15.604
118.6
0.048
46.1
0.597
–58.1
400.00
0.576
–120.4
12.659
108.8
0.053
41.7
0.496
–68.0
500.00
0.553
–135.2
10.612
99.9
0.057
39.5
0.423
–74.5
600.00
0.541
–147.0
9.108
93.3
0.060
38.6
0.375
–80.4
700.00
0.535
–156.6
7.906
87.8
0.063
38.2
0.332
–86.3
800.00
0.532
–164.6
6.994
82.9
0.066
38.1
0.307
–90.7
900.00
0.531
–171.5
6.238
78.4
0.069
38.4
0.285
–95.6
1000.00
0.533
–177.6
5.639
74.3
0.072
38.8
0.269
–100.2
1100.00
0.536
177.0
5.148
70.6
0.075
38.8
0.257
–105.1
1200.00
0.540
171.9
4.726
66.9
0.079
39.4
0.249
–109.3
1300.00
0.546
167.6
4.367
63.6
0.082
39.9
0.244
–114.2
1400.00
0.551
163.4
4.060
59.9
0.085
40.0
0.241
–118.1
1500.00
0.558
159.6
3.788
56.9
0.089
39.9
0.240
–123.1
1600.00
0.565
156.0
3.543
53.5
0.092
39.9
0.243
–126.5
1700.00
0.572
152.6
3.333
50.3
0.096
40.1
0.244
–131.6
1800.00
0.579
149.5
3.146
47.4
0.100
40.1
0.248
–134.7
1900.00
0.587
146.3
2.975
44.0
0.103
39.8
0.251
–140.5
2000.00
0.592
143.8
2.819
41.1
0.107
40.0
0.255
–142.2
2100.00
0.603
140.6
2.680
38.1
0.111
39.6
0.266
–148.0
2200.00
0.611
138.1
2.548
35.1
0.115
39.1
0.268
–148.5
2300.00
0.614
135.5
2.409
32.4
0.118
39.0
0.281
–154.5
2400.00
0.624
133.0
2.300
29.6
0.122
38.7
0.283
–154.0
2500.00
0.625
130.7
2.203
27.4
0.126
38.7
0.299
–159.2
2600.00
0.635
128.3
2.097
24.8
0.131
38.1
0.306
–159.4
2700.00
0.639
126.5
2.028
21.8
0.136
37.6
0.326
–164.0
2800.00
0.647
124.1
1.934
19.7
0.140
36.8
0.332
–165.3
2900.00
0.655
122.2
1.856
16.9
0.146
35.8
0.350
–168.9
3000.00
0.658
120.0
1.783
15.0
0.149
35.3
0.356
–171.0
NE67839 / 2SC5455



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com