Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5455 Datasheet(PDF) 7 Page - California Eastern Labs

Part # 2SC5455
Description  NPN EPITAXIAL SILICON TRANSISTOR
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

2SC5455 Datasheet(HTML) 7 Page - California Eastern Labs

  2SC5455 Datasheet HTML 1Page - California Eastern Labs 2SC5455 Datasheet HTML 2Page - California Eastern Labs 2SC5455 Datasheet HTML 3Page - California Eastern Labs 2SC5455 Datasheet HTML 4Page - California Eastern Labs 2SC5455 Datasheet HTML 5Page - California Eastern Labs 2SC5455 Datasheet HTML 6Page - California Eastern Labs 2SC5455 Datasheet HTML 7Page - California Eastern Labs 2SC5455 Datasheet HTML 8Page - California Eastern Labs 2SC5455 Datasheet HTML 9Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
7
VCE = 5.0 V, IC = 5.0 mA, Z0 = 50 Ω
FREQUENCY
S11
S21
S12
S22
MHz
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
100.00
0.858
–28.0
14.245
160.5
0.025
74.0
0.949
–16.1
200.00
0.800
–53.2
12.754
143.3
0.044
60.6
0.856
–30.3
300.00
0.739
–75.8
11.353
130.1
0.057
50.2
0.753
–41.4
400.00
0.691
–93.6
9.639
119.6
0.066
42.7
0.657
–50.2
500.00
0.642
–110.2
8.532
108.8
0.072
37.7
0.582
–56.0
600.00
0.611
–123.8
7.532
101.1
0.075
34.1
0.525
–61.3
700.00
0.590
–135.1
6.650
94.3
0.077
31.4
0.475
–66.2
800.00
0.575
–145.2
5.962
88.4
0.079
29.3
0.444
–69.7
900.00
0.567
–153.7
5.351
83.1
0.080
28.0
0.410
–73.9
1000.00
0.562
–161.3
4.876
78.0
0.081
27.5
0.388
–77.1
1100.00
0.561
–168.0
4.466
73.7
0.082
27.0
0.370
–81.0
1200.00
0.560
–174.2
4.115
69.4
0.083
26.6
0.356
–84.3
1300.00
0.565
–179.7
3.806
65.4
0.085
27.1
0.346
–88.2
1400.00
0.567
175.1
3.546
61.5
0.085
27.4
0.337
–91.9
1500.00
0.572
170.3
3.330
58.0
0.086
27.9
0.331
–96.0
1600.00
0.578
166.0
3.106
54.2
0.088
28.5
0.329
–99.5
1700.00
0.585
161.9
2.946
50.2
0.089
29.5
0.326
–104.1
1800.00
0.592
158.1
2.766
47.3
0.090
30.2
0.329
–107.4
1900.00
0.600
154.3
2.623
43.5
0.093
30.7
0.326
–112.9
2000.00
0.607
151.1
2.484
40.2
0.095
31.9
0.329
–115.1
2100.00
0.614
147.5
2.357
36.8
0.097
32.8
0.334
–121.1
2200.00
0.622
144.5
2.249
33.6
0.100
33.4
0.340
–122.7
2300.00
0.626
141.5
2.125
30.5
0.102
34.0
0.342
–128.6
2400.00
0.635
138.5
2.028
27.3
0.106
34.7
0.351
–129.8
2500.00
0.637
135.9
1.940
24.8
0.109
35.9
0.360
–135.2
2600.00
0.645
133.2
1.842
21.8
0.113
36.3
0.372
–136.4
2700.00
0.651
131.1
1.782
18.7
0.118
36.7
0.387
–142.2
2800.00
0.657
128.4
1.696
16.2
0.121
36.3
0.396
–144.2
2900.00
0.664
126.4
1.625
13.2
0.127
36.3
0.415
–148.4
3000.00
0.668
124.0
1.557
11.1
0.131
36.0
0.419
–151.6
VCE = 5.0 V, IC = 10.0 mA, Z0 = 50 Ω
FREQUENCY
S11
S21
S12
S22
MHz
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
100.00
0.756
–39.2
23.248
154.1
0.022
70.0
0.899
–23.7
200.00
0.680
–71.6
19.314
134.2
0.038
56.1
0.751
–42.3
300.00
0.616
–97.0
15.939
120.0
0.046
47.1
0.615
–55.1
400.00
0.578
–116.3
12.974
110.2
0.052
42.9
0.515
–64.5
500.00
0.548
–131.4
10.940
101.0
0.056
40.6
0.440
–70.8
600.00
0.532
–143.4
9.424
94.4
0.059
39.4
0.388
–76.2
700.00
0.532
–153.4
8.187
88.8
0.062
38.7
0.344
–81.1
800.00
0.520
–161.6
7.256
83.8
0.065
38.5
0.318
–85.8
900.00
0.518
–168.8
6.480
79.4
0.068
38.7
0.294
–90.3
1000.00
0.520
–175.2
5.861
75.2
0.071
39.1
0.277
–94.3
1100.00
0.522
179.2
5.342
71.3
0.074
39.4
0.264
–98.9
1200.00
0.525
174.0
4.906
67.7
0.077
39.9
0.255
–102.7
1300.00
0.531
169.5
4.535
64.2
0.080
40.3
0.250
–107.3
1400.00
0.536
165.1
4.213
60.8
0.084
40.8
0.244
–111.7
1500.00
0.543
161.2
3.949
57.5
0.087
40.6
0.242
–116.3
1600.00
0.550
157.5
3.685
54.4
0.091
40.7
0.243
–120.2
1700.00
0.558
154.1
3.483
51.0
0.094
41.1
0.244
–125.0
1800.00
0.564
150.9
3.289
47.9
0.097
40.9
0.247
–128.5
1900.00
0.573
147.7
3.098
44.6
0.101
40.7
0.250
–134.3
2000.00
0.578
145.0
2.942
41.9
0.104
40.5
0.254
–136.1
2100.00
0.587
141.8
2.791
38.6
0.109
40.6
0.264
–141.7
2200.00
0.596
139.4
2.646
35.8
0.112
40.0
0.265
–142.7
2300.00
0.601
136.6
2.515
33.1
0.116
40.0
0.277
–149.1
2400.00
0.611
134.0
2.396
30.1
0.120
39.6
0.279
–148.5
2500.00
0.612
131.7
2.302
28.0
0.124
39.6
0.295
–153.8
2600.00
0.622
129.2
2.189
25.2
0.128
39.3
0.299
–154.0
2700.00
0.627
127.5
2.116
22.3
0.134
38.9
0.320
–159.2
2800.00
0.635
125.0
2.020
20.2
0.138
37.7
0.328
–160.8
2900.00
0.642
123.1
1.936
17.3
0.144
36.9
0.347
–164.3
3000.00
0.647
120.9
1.861
15.5
0.148
36.4
0.352
–166.7
NE67839 / 2SC5455



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com