Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5455 Datasheet(PDF) 8 Page - California Eastern Labs

Part # 2SC5455
Description  NPN EPITAXIAL SILICON TRANSISTOR
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

2SC5455 Datasheet(HTML) 8 Page - California Eastern Labs

  2SC5455 Datasheet HTML 1Page - California Eastern Labs 2SC5455 Datasheet HTML 2Page - California Eastern Labs 2SC5455 Datasheet HTML 3Page - California Eastern Labs 2SC5455 Datasheet HTML 4Page - California Eastern Labs 2SC5455 Datasheet HTML 5Page - California Eastern Labs 2SC5455 Datasheet HTML 6Page - California Eastern Labs 2SC5455 Datasheet HTML 7Page - California Eastern Labs 2SC5455 Datasheet HTML 8Page - California Eastern Labs 2SC5455 Datasheet HTML 9Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
8
VCE = 5.0 V, IC = 20.0 mA, Z0 = 50 Ω
FREQUENCY
S11
S21
S12
S22
MHz
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
100.00
0.635
–54.4
33.512
146.5
0.020
66.2
0.830
–33.2
200.00
0.566
–93.3
25.234
124.9
0.031
53.6
0.630
–55.1
300.00
0.526
–118.9
19.353
111.5
0.037
48.0
0.485
–69.0
400.00
0.505
–136.8
15.238
102.7
0.042
47.5
0.395
–79.0
500.00
0.498
–149.4
12.561
95.2
0.046
47.1
0.332
–86.2
600.00
0.493
–159.3
10.646
89.6
0.050
47.4
0.294
–92.5
700.00
0.492
–167.5
9.192
84.9
0.054
48.0
0.263
–98.6
800.00
0.494
–174.2
8.090
80.6
0.058
48.6
0.243
–103.6
900.00
0.497
179.8
7.203
76.9
0.062
49.0
0.229
–109.7
1000.00
0.501
174.5
6.487
73.1
0.068
49.6
0.219
–114.4
1100.00
0.505
170.0
5.907
69.8
0.072
49.5
0.213
–119.6
1200.00
0.511
165.6
5.426
66.6
0.076
49.2
0.208
–124.6
1300.00
0.518
161.8
5.010
63.5
0.081
48.9
0.209
–129.5
1400.00
0.524
158.1
4.651
60.3
0.086
49.0
0.208
–133.9
1500.00
0.531
154.7
4.343
57.4
0.090
48.4
0.211
–138.7
1600.00
0.537
151.5
4.071
54.4
0.095
48.0
0.216
–141.7
1700.00
0.546
148.7
3.819
51.4
0.099
47.6
0.221
–146.9
1800.00
0.552
145.9
3.607
48.5
0.103
46.7
0.224
–149.5
1900.00
0.561
143.0
3.402
45.5
0.108
46.2
0.234
–154.6
2000.00
0.567
140.7
3.235
42.9
0.112
45.3
0.236
–156.4
2100.00
0.576
137.8
3.060
40.1
0.117
44.8
0.249
–161.6
2200.00
0.585
135.7
2.916
37.2
0.121
43.7
0.250
–162.2
2300.00
0.589
133.1
2.763
34.7
0.126
43.2
0.266
–167.5
2400.00
0.600
130.8
2.631
32.0
0.130
42.4
0.264
–166.9
2500.00
0.601
128.7
2.524
30.0
0.134
41.7
0.284
–171.1
2600.00
0.611
126.5
2.407
27.7
0.139
41.1
0.285
–170.9
2700.00
0.616
124.9
2.325
24.8
0.144
40.3
0.308
–175.1
2800.00
0.625
122.4
2.226
22.9
0.149
39.0
0.314
–175.8
2900.00
0.632
120.9
2.135
20.2
0.154
37.8
0.331
–178.6
3000.00
0.636
118.6
2.057
18.5
0.158
36.8
0.337
179.3
VCE = 5.0 V, IC = 30.0 mA, Z0 = 50 Ω
FREQUENCY
S11
S21
S12
S22
MHz
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
100.00
0.572
–64.3
38.635
142.3
0.018
64.8
0.780
–38.5
200.00
0.521
–105.1
27.544
120.4
0.028
53.5
0.567
–61.5
300.00
0.496
–129.7
20.521
107.8
0.033
50.0
0.427
–75.6
400.00
0.487
–146.1
15.977
99.8
0.038
50.1
0.346
–86.2
500.00
0.485
–157.1
13.055
92.9
0.043
50.5
0.291
–94.3
600.00
0.484
–166.1
11.019
87.8
0.047
51.4
0.260
–100.7
700.00
0.486
–173.3
9.493
83.2
0.052
52.7
0.235
–107.4
800.00
0.489
–179.3
8.343
79.4
0.057
52.8
0.219
–113.0
900.00
0.493
175.2
7.411
75.8
0.062
53.3
0.210
–119.7
1000.00
0.499
170.5
6.670
72.2
0.067
53.1
0.205
–124.6
1100.00
0.504
166.5
6.077
69.0
0.072
53.2
0.200
–130.2
1200.00
0.510
162.3
5.575
66.0
0.077
52.6
0.199
–135.0
1300.00
0.516
158.9
5.148
63.1
0.082
52.7
0.203
–139.3
1400.00
0.522
155.3
4.785
60.0
0.086
51.9
0.204
–143.3
1500.00
0.529
152.2
4.465
57.2
0.092
51.1
0.209
–147.8
1600.00
0.536
149.2
4.169
54.4
0.097
50.6
0.213
–151.5
1700.00
0.544
146.4
3.928
51.4
0.101
49.8
0.221
–155.4
1800.00
0.551
143.8
3.715
48.6
0.106
48.9
0.224
–158.4
1900.00
0.560
141.0
3.496
45.7
0.111
47.9
0.235
–163.5
2000.00
0.565
138.9
3.326
43.0
0.115
47.1
0.239
–164.2
2100.00
0.574
136.0
3.136
40.2
0.120
46.4
0.253
–168.8
2200.00
0.583
134.3
2.992
37.7
0.125
45.1
0.251
–169.9
2300.00
0.586
131.6
2.835
35.1
0.129
44.4
0.268
–174.6
2400.00
0.599
129.5
2.700
32.5
0.134
43.3
0.265
–173.3
2500.00
0.599
127.4
2.599
30.7
0.138
42.7
0.288
–177.8
2600.00
0.611
125.2
2.462
28.1
0.143
41.7
0.288
–177.6
2700.00
0.614
123.7
2.382
25.6
0.148
40.7
0.310
178.8
2800.00
0.623
121.3
2.285
23.9
0.153
39.4
0.316
178.0
2900.00
0.631
119.8
2.188
21.2
0.158
38.1
0.331
175.3
3000.00
0.635
117.6
2.115
19.5
0.162
37.0
0.338
173.9
NE67839 / 2SC5455



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com