Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAT85 Datasheet(PDF) 1 Page - SUNMATE electronic Co., LTD

Part # BAT85
Description  0.2A Axial Leaded Small Signal Schottky Diodes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

BAT85 Datasheet(HTML) 1 Page - SUNMATE electronic Co., LTD

  BAT85 Datasheet HTML 1Page - SUNMATE electronic Co., LTD BAT85 Datasheet HTML 2Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
0.2A Axial Leaded Small Signal Schottky Diodes
BAT85
of 2
1
Features
Maximum Ratings and Electrical Characteristics @ TA = 25°C unless otherwise specified
·
·
Mechanical Data
·
A
A
B
C
D
DO-35
Dim
Min
Max
A
25.40
¾
B
¾
4.00
C
¾
0.60
D
¾
2.00
All Dimensions in mm
For general purpose applications
This diode features very low turn-on voltage
and fast switching. Thes e devices are protected
by a PN junction guard ring against exces sive
voltage, such as electrostatic discharges
Case:JEDEC DO--35,glas s cas e
Weight: Approx. 0.13 gram
Polarity: Color band denotes cathode end
·
·
Symbols
Storage temperature range
TSTG
Pow er dissipation
@ TA=65
UNITS
c-55 ---+ 125
VR
IF
IFM
IFSM
Ptot
TJ
TA
600
1)
125
V
mA
mA
30.0
200
1)
300
1)
mA
mW
c-55 ---+ 150
Junction temperature
Ambient operating temperature range
Value
200
1)
1) Valid provided that leads at a distance of 4mm from case are kept at ambient temperature
Continuous reverse voltage
Forw ard continuous current
@
TA=25
Peak forw ard current
@
TA=25
Surge forw ard current
@
tp<1s,TA=25
Min.
UNITS
30.0
V
V
V
V
V
V
A
pF
ns
/W
0.4
0.5
Thermal resistance junction to ambient
CJ
0.32
Pulse test tp<300
s,
<2%
@ IF=0.1mA
@ IF=1mA
Reverse breakdow n voltage
Symbols
VR
0.24
@ IF=10mA
@ IF=30mA
IR
Max.
Typ.
RθJA
@ IF=100mA
Leakage current VR=25V
Junction capacitance at VR=1V,f=1MHz
Reverse recovery time @ IF=10mA,IR=10mA,IR=1mA
VF
Forw ard voltage
2.0
10
trr
5
430
1)
0.8


Similar Part No. - BAT85

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BAT85 PHILIPS-BAT85 Datasheet
30Kb / 6P
Schottky barrier diode
1996 Mar 20
logo
General Semiconductor
BAT85 GE-BAT85 Datasheet
41Kb / 2P
Schottky Diodes
logo
Micro Commercial Compon...
BAT85 MCC-BAT85 Datasheet
163Kb / 1P
BAT85 SMALL SIGNAL SCHOTTKY DIODES
logo
Galaxy Semi-Conductor H...
BAT85 BILIN-BAT85 Datasheet
55Kb / 2P
SMALL SIGNAL SCHOTTKY DIODES
logo
GOOD-ARK Electronics
BAT85 GOOD-ARK-BAT85 Datasheet
127Kb / 2P
Small-Signal Diode
More results

Similar Description - BAT85

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
BAT86 MCC-BAT86 Datasheet
159Kb / 1P
SMALL SIGNAL SCHOTTKY DIODES
logo
Silicon Standard Corp.
BAS86 SSC-BAS86 Datasheet
322Kb / 2P
0.2A Surface-mount Small-signal Schottky Diode
logo
SUNMATE electronic Co.,...
1SS141 SUNMATE-1SS141 Datasheet
141Kb / 1P
0.1/0.2A Axial Leaded Small Signal Switching Diode
BAS33 SUNMATE-BAS33 Datasheet
188Kb / 2P
200mA Axial Leaded Small Signal Switching Diodes
BAT49 SUNMATE-BAT49 Datasheet
213Kb / 3P
500mA Axial Leaded Small Signal Schottky Diode
BAT86 SUNMATE-BAT86 Datasheet
68Kb / 1P
0.2A Axial Leaded Schottky Barrier Diodes
BAY135 SUNMATE-BAY135 Datasheet
371Kb / 2P
200mA Axial Leaded Small Signal Switching Diodes
R2500F SUNMATE-R2500F Datasheet
276Kb / 2P
0.2A Axial Leaded High Voltage Rectifier
BZX55 SUNMATE-BZX55 Datasheet
1Mb / 2P
500mW Axial Leaded Small Signal Zener Diodes
logo
Bruckewell Technology L...
1N4148 BWTECH-1N4148 Datasheet
371Kb / 5P
AXIAL Small Signal Diodes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com