Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SU5000RT4UTF Datasheet(PDF) 3 Page - Tripp Lite. All Rights Reserved

Part # SU5000RT4UTF
Description  SmartOnline 208/120V 5kVA 4.5kW On-Line Double-Conversion UPS, Extended Run, SNMP,Webcard, 6U Rack/Tower, USB, DB9 Serial
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

SU5000RT4UTF Datasheet(HTML) 3 Page - Tripp Lite. All Rights Reserved

  SU5000RT4UTF Datasheet HTML 1Page - Tripp Lite. All Rights Reserved SU5000RT4UTF Datasheet HTML 2Page - Tripp Lite. All Rights Reserved SU5000RT4UTF Datasheet HTML 3Page - Tripp Lite. All Rights Reserved SU5000RT4UTF Datasheet HTML 4Page - Tripp Lite. All Rights Reserved SU5000RT4UTF Datasheet HTML 5Page - Tripp Lite. All Rights Reserved SU5000RT4UTF Datasheet HTML 6Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Output kVA Capacity (kVA)
5.0
Output Watt Capacity (Watts)
4500
Output kW Capacity (kW)
4.5
Power Factor
0.9
Crest Factor
3:1
Nominal Output Voltage(s)
Supported
120V; 208V
Nominal Voltage Details
This configuration requires the Power Module be set to 208V output voltage; Included step-down transformer
supports 120V output
Frequency Compatibility
60 Hz
Frequency Compatibility Details
Output frequency regulation +/- 0.05Hz (free running)
Output Voltage Regulation (Line
Mode)
+/- 2%
Output Voltage Regulation
(Economy Line Mode)
+/- 10%
Output Voltage Regulation (Battery
Mode)
+/- 2%
Output Receptacles
(12) 5-15/20R; (2) L6-20R; (2) L6-30R
Output Circuit Breakers
High voltage 20A breaker protects L6-20R outlets, L6-30R outlets are unbreakered; Low voltage 20A breakers
protect 3 5-15/20R outlets each
Output AC Waveform (AC Mode)
Pure sine wave
Output AC Waveform (Battery Mode)
Pure Sine wave
INPUT
Rated input current (Maximum Load)
24A (208V)
Nominal Input Voltage(s) Supported
208V AC
UPS Input Connection Type
L6-30P
UPS Input Cord Length (ft.)
10
UPS Input Cord Length (m)
3
Recommended Electrical Service
30A
Input Phase
Single-Phase
BATTERY
Full Load Runtime (min.)
3.5 minutes (4500w)
Half Load Runtime (min.)
11 minutes (2250w)
Expandable Battery Runtime
Supports extended runtime with optional external battery packs
External Battery Pack Compatibility
BP192V1037C-1PH ; BP192V12-3U ; BP192V1407C-1PH ; BP192V557C-1PH ; BP192V787C-1PH ;
BP192V5RT2U (limit 1)
DC System Voltage (VDC)
192
3 / 6



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com