Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SU5000RT4UTF Datasheet(PDF) 2 Page - Tripp Lite. All Rights Reserved

Part # SU5000RT4UTF
Description  SmartOnline 208/120V 5kVA 4.5kW On-Line Double-Conversion UPS, Extended Run, SNMP,Webcard, 6U Rack/Tower, USB, DB9 Serial
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

SU5000RT4UTF Datasheet(HTML) 2 Page - Tripp Lite. All Rights Reserved

  SU5000RT4UTF Datasheet HTML 1Page - Tripp Lite. All Rights Reserved SU5000RT4UTF Datasheet HTML 2Page - Tripp Lite. All Rights Reserved SU5000RT4UTF Datasheet HTML 3Page - Tripp Lite. All Rights Reserved SU5000RT4UTF Datasheet HTML 4Page - Tripp Lite. All Rights Reserved SU5000RT4UTF Datasheet HTML 5Page - Tripp Lite. All Rights Reserved SU5000RT4UTF Datasheet HTML 6Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
with internal batteries + 2U step-down transformer)
Full-time active power conditioning maintains clean, continuous dual-conversion AC output free of voltage fluctuations, power interruptions and line noise
Fault tolerant electronic bypass maintains utility output during a variety of UPS fault conditions
L6-30P input plug, plus 2 L6-30R, 2 L6-20R and 12 5-15/20R outlets
Included rail kits support rackmount installation of both included modules in 4 post racks
Optional 2POSTRMKITHD supports installation in 2 post 19 inch racks (2 required for SU5000RT4UTF)
Optional 2-9USTAND supports upright tower placement (1 required for SU5000RT4UTF)
Maximum installed rack depth of only 20.75 in. / 52.7 cm
Maintains full-time sine wave output within 2% of 208V & 120V at 60Hz nominal in double conversion mode
Corrects brownouts to 156V at full load (100V at 50% load or less)
Corrects overvoltages to 290V at full load (300V at 90% load or less)
Double-conversion operation offers full-time AC to DC, then DC to AC conversion to maintain perfectly regulated sine wave AC output with enhanced
protection from harmonic distortion, fast electrical impulses and other hard-to-solve power problems not addressed by other UPS types
High efficiency ECONOMY MODE operation significantly reduces BTU heat output and operating energy costs
Network-grade AC surge and noise suppression
Supports detailed monitoring of equipment load levels, self-test data and utility power conditions via built-in RS-232, USB and optional SNMP card slot
interfaces
UPS card slot supports one card-based network interface option (part # SNMPWEBCARD) or dry-contact monitoring accessory (part # RELAYIOCARD)
Optional SNMPWEBCARD offers communications and control via secure remote web and network interfaces
Optional RELAYIOCARD supports six configurable hard contact closure outputs for custom event notification
Optional RELAYIOMINI interface module offers three configurable hard contact closure outputs for custom event notification (requires removal of USB
interface module)
HID-compliant USB interface enables integration with built-in power management and auto shutdown features of Windows and Mac OS X
Includes Free PowerAlert monitoring software packages; PowerAlert LOCAL for desktops and small business networks, PowerAlert NSA (Network
Shutdown Agent) for larger networks and PowerAlert NMS (Network Management System) for monitoring up to 250 SNMP-enabled UPS, PDU and other
networking devices
Front panel LEDs and LCD readout with scroll controls support front-panel visual monitoring of all major UPS functions with support for a variety of control
options to support advanced UPS settings and configurations
LED/LCD display panel rotates for viewing in rackmount or tower configurations
Supports Emergency Power Off (EPO) via built-in interface
Battery independent restart ensures automatic UPS power-up without user interaction after lengthy power outages, even when batteries are expired and
require replacement
External battery packs are field replaceable and hot swappable
Some external battery configurations require the use of Tripp Lite's External Battery Configuration Software (see manual)
$250,000 connected equipment insurance
Specifications
OUTPUT
Output Capacity Details
Supports up to 105% load continuously in double conversion mode, 106 to 125% for 1 minute, 126% to 150% for 30
seconds; Loads over 150% trigger immediate bypass mode operation to support loads directly from mains power;
Double conversion mode is automatically restored as the overload is cleared
Output Volt Amp Capacity (VA)
5000
2 / 6



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com