Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SU5000RT4UTF Datasheet(PDF) 5 Page - Tripp Lite. All Rights Reserved

Part # SU5000RT4UTF
Description  SmartOnline 208/120V 5kVA 4.5kW On-Line Double-Conversion UPS, Extended Run, SNMP,Webcard, 6U Rack/Tower, USB, DB9 Serial
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

SU5000RT4UTF Datasheet(HTML) 5 Page - Tripp Lite. All Rights Reserved

  SU5000RT4UTF Datasheet HTML 1Page - Tripp Lite. All Rights Reserved SU5000RT4UTF Datasheet HTML 2Page - Tripp Lite. All Rights Reserved SU5000RT4UTF Datasheet HTML 3Page - Tripp Lite. All Rights Reserved SU5000RT4UTF Datasheet HTML 4Page - Tripp Lite. All Rights Reserved SU5000RT4UTF Datasheet HTML 5Page - Tripp Lite. All Rights Reserved SU5000RT4UTF Datasheet HTML 6Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Installed Whole System Maximum
Rack Depth (cm)
52.7
Rack Height (U Spaces)
6
UPS Power Module Weight (lbs.)
113.6
UPS Power Module Weight (kg)
51.6
Stepdown Transformer Dimensions
(hwd / in.)
3.5 x 17.5 x 20.75
Stepdown Transformer Dimensions
(hwd / cm)
8.8 x 44.4 x 52.7
Stepdown Transformer Weight (lbs.)
76
Stepdown Transformer Weight (kg)
34.5
UPS Shipping Dimensions (hwd / in.)
22 x 25 x 30
UPS Shipping Dimensions (hwd /
cm)
55.9 x 63.5 x 76.2
Shipping Weight (lbs.)
278
Shipping Weight (kg)
126.2
Cooling Method
Fan
UPS Housing Material
Sheet metal
ENVIRONMENTAL
Operating Temperature Range
+32 to +104 degrees Fahrenheit / 0 to +40 degrees Celsius
Storage Temperature Range
5 to 122 F / -15 to 50 C
Relative Humidity
5% to 90% (non-condensing)
AC Mode BTU / Hr. (Full Load)
1767
AC Economy Mode BTU / Hr. (Full
Load)
638
AC Mode Efficiency Rating (100%
Load)
90%
AC Economy Mode Efficiency Rating
(100% Load)
96%
Operating Elevation (ft.)
0 to 6560 ft. / 0 to 2000 m
Audible Noise
65 dB at 1m front side
Operating Elevation (m)
0-2000 m
COMMUNICATIONS
Communications Interface
USB (HID enabled); DB9 Serial; EPO (emergency power off); Slot for SNMP/Web interface
Network Monitoring Port Description
Two contact closure monitoring options available - RELAYIOCARD with six configurable contact closure outputs
(uses UPS card slot) and RELAYIOMINI with 3 configurable contact closure outputs (requires removal of USB port
module)
PowerAlert Software
Included
5 / 6



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com