Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SU5000RT4UTF Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # SU5000RT4UTF
Description  SmartOnline 208/120V 5kVA 4.5kW On-Line Double-Conversion UPS, Extended Run, SNMP,Webcard, 6U Rack/Tower, USB, DB9 Serial
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

SU5000RT4UTF Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  SU5000RT4UTF Datasheet HTML 1Page - Tripp Lite. All Rights Reserved SU5000RT4UTF Datasheet HTML 2Page - Tripp Lite. All Rights Reserved SU5000RT4UTF Datasheet HTML 3Page - Tripp Lite. All Rights Reserved SU5000RT4UTF Datasheet HTML 4Page - Tripp Lite. All Rights Reserved SU5000RT4UTF Datasheet HTML 5Page - Tripp Lite. All Rights Reserved SU5000RT4UTF Datasheet HTML 6Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
SmartOnline 208/120V 5kVA 4.5kW On-Line
Double-Conversion UPS, Extended Run, SNMP,
Webcard, 6U Rack/Tower, USB, DB9 Serial
MODEL NUMBER: SU5000RT4UTF
Description
Tripp Lite SU5000RT4UTF 5000VA / 5kVA / 4500 watt on-line, double-conversion UPS system offers complete
power protection for critical server, network and telecommunications equipment in a 6U rack/tower configuration.
Full-time active power conditioning provides clean, continuous dual-conversion AC output free of voltage
fluctuations, power interruptions and line noise. Fault-tolerant auto-bypass prevents unexpected service
interruptions during UPS overload or internal fault conditions. 4U UPS power module with internal batteries and
2U step-down transformer installs in a total of 6 rack spaces (6U) with a maximum installed depth of only 20.75
in. / 52.7 cm. Maintains full-time sine wave output within 2% of 208 and 120V nominal at 60Hz during brownouts
as low 100V and overvoltages as high as 300V. Expandable runtime is supported with optional BP192V12-3U
external battery packs. Battery independent restart ensures automatic UPS power-up without user interaction
after lengthy power outages, even when batteries are expired and require replacement. Double-conversion operation converts raw input from AC to DC, then
resynthesizes output power back to perfect sine wave AC with enhanced protection from harmonic distortion, fast electrical impulses and other hard-to-solve
power problems not addressed by other UPS types. Highly efficient operation in optional economy mode significantly reduces BTU heat output and operating
energy costs. Network-grade AC surge and noise suppression. Supports detailed monitoring of equipment load levels, self-test data and utility power
conditions via built-in RS-232 and USB interfaces. Optional SNMP/Web and contact-closure communications card accessories available. HID-compliant USB
interface enables integration with built-in power management and auto shutdown features of Windows and Mac OS X. Included PowerAlert monitoring
software offers detailed site power and UPS updates with support for safe auto-shutdown of connected systems as UPS batteries become depleted. Included
software packages include PowerAlert Local, PowerAlert Network Shutdown Agent and PowerAlert Network Management System for complete support for a
wide variety of application types. Supports Emergency Power Off (EPO) via built-in interface. Front panel LEDs and LCD readout with scroll controls support
front-panel visual monitoring of all major UPS functions with support for a variety of control options to support advanced UPS settings and configurations. LED
/ LCD display panel rotates for viewing in rackmount or tower configurations. L6-30P input, plus 2 L6-30R, 2 L6-20R and 12 5-15/20R outlets. External battery
packs are field replaceable and hot swappable. $250,000 connected equipment insurance;
Features
Tripp Lite SU5000RT4UTF 5000VA / 5kVA / 4500 watt on-line, double-conversion UPS system in a 6U rack/tower configuration (4U UPS power module
Highlights
5kVA / 5000VA / 4500 watt
on-line double-conversion UPS;
0.9 power factor
208/120V 60Hz output; high
efficiency economy mode option
6U Rack/Tower compatible; Hot
swappable battery modules
USB, RS232 & EPO ports;
support for SNMP/WEB and
contact-closure card options
Front panel LEDs with detailed
LCD monitoring and control
screen
Expandable runtime with optional
external battery packs
NEMA L6-30P input (3 wire);
L6-30R, L6-20R & 5-15/20R
outputs
Package Includes
SU5000RT4UHV UPS Power
Module
SU5000XFMRT2U Stepdown
Transformer
4 Post Rackmount Installation
Rails
PowerAlert software and
complete cabling
1 / 6


Similar Part No. - SU5000RT4UTF

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
SU5000RT4UTFTAA TRIPPLITE-SU5000RT4UTFTAA Datasheet
175Kb / 6P
SmartOnline 208 & 120V UPS ??On-Line Double Conversion, 5kVA, 4.5kW, 6U, Network Card Option, TAA Compliant
More results

Similar Description - SU5000RT4UTF

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
SU3000RTXL3U TRIPPLITE-SU3000RTXL3U_15 Datasheet
512Kb / 6P
SmartOnline 120V 3kVA 2.4kW On-Line Double-Conversion UPS, Extended Run, SNMP, Webcard, 3U Rack/Tower, USB, DB9 Serial
SU3000XL TRIPPLITE-SU3000XL_15 Datasheet
531Kb / 5P
SmartOnline 110-120V 3kVA 2.4kW On-Line Double-Conversion UPS, Extended Run, SNMP, Webcard, Tower, USB, DB9 Serial
SU5000RT3U TRIPPLITE-SU5000RT3U_15 Datasheet
533Kb / 6P
SmartOnline 208/120V 5kVA 3.5kW On-Line Double-Conversion UPS, Extended Run, SNMP, Webcard, 7U Rack/Tower, USB, DB9 Serial
SU5000RT3UHV TRIPPLITE-SU5000RT3UHV Datasheet
522Kb / 5P
SmartOnline 200-240V 5kVA 3.5kW On-Line Double-Conversion UPS, Extended Run, SNMP,Webcard, 5U Rack/Tower, DB9 Serial
SU5000RT4UHV TRIPPLITE-SU5000RT4UHV Datasheet
505Kb / 6P
SmartOnline 200-240V 5kVA 4.5kW On-Line Double-Conversion UPS, Extended Run, SNMP,Webcard, 4U Rack/Tower, USB, DB9 Serial
SU6000RT4UTFHW TRIPPLITE-SU6000RT4UTFHW Datasheet
554Kb / 6P
SmartOnline 208/120V or 240/120V 6kVA 5.4kW On-Line Double-Conversion UPS, Extended Run,SNMP, Webcard, 6U Rack/Tower, LCD, USB, DB9 Serial
SU12000RT4U TRIPPLITE-SU12000RT4U Datasheet
550Kb / 6P
SmartOnline 240/120V or 208-120V 12kVA 8.4kW On-Line Double-Conversion UPS, Extended Run, SNMP, Webcard, 8U Rack-Tower, USB, DB9 Serial
SMART5000RT3U TRIPPLITE-SMART5000RT3U_15 Datasheet
518Kb / 5P
SmartPro 208-120V 5kVA 4kW Line-Interactive Sine Wave UPS, Extended Run, SNMP, Webcard, 6U Rack-Tower, USB, DB9 Serial
SU1500XL TRIPPLITE-SU1500XL_15 Datasheet
521Kb / 5P
SmartOnline 100-120V 1.5kVA 1.2kW On-Line Double-Conversion UPS, Extended Run, SNMP,Webcard, Tower, USB, DB9 Serial
SU2200XLA TRIPPLITE-SU2200XLA Datasheet
515Kb / 5P
SmartOnline 110-120V 2.2kVA 1.6kW On-Line Double-Conversion UPS, Extended Run, SNMP,Webcard, Tower, USB, DB9 Serial
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com