Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD16337 Datasheet(PDF) 4 Page - NEC

Part # UPD16337
Description  64-BIT AC-PDP DRIVER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD16337 Datasheet(HTML) 4 Page - NEC

  UPD16337 Datasheet HTML 1Page - NEC UPD16337 Datasheet HTML 2Page - NEC UPD16337 Datasheet HTML 3Page - NEC UPD16337 Datasheet HTML 4Page - NEC UPD16337 Datasheet HTML 5Page - NEC UPD16337 Datasheet HTML 6Page - NEC UPD16337 Datasheet HTML 7Page - NEC UPD16337 Datasheet HTML 8Page - NEC UPD16337 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
µPD16337
4
PIN DESCRIPTION
Symbol
Pin Name
Pin Number
Description
PC
Polarity change input
47
PC = L: All driver output invert
BLK
Blank input
48
BLK = H: All output = H or L
LE
Latch enable input
34
Automatically executes latch by setting High at rising edge
of the clock
A1 to A4
RIGHT data input/output
43 to 46
When R/L = H,
A1 to A4: Input B1 to B4: Output
B1 to B4
LEFT data input/output
38 to 35
When R/L = L,
A1 to A4: Output B1 to B4: Input
CLK
Clock input
33
Shift executed on fall
R/L
Shift control input
41
Right shift mode when R/L = H
SR1: A1
→ S1 ··· S61 → B1 (Same direction for SR2·SR4)
Left shift mode when R/L = L
SR1: B1
→ S61 ··· S1 → A1 (Same direction for SR2·SR4)
O1 to O64
High withstand voltage output
54 to 75, 81 to
130 V, 40 mA MAX.
100, 6 to 27
VDD1
Power supply for logic block
42
5 V
±10%
VDD2
Power supply for driver block
2, 29, 52, 79
30 to 130 V
VSS1
Logic GND
39
Connect to system GND
VSS2
Driver GND
4, 31, 50, 77
Connect to system GND
NC
Non-connection
1, 3, 5, 28, 30,
Non-connection
32, 40, 49, 51,
Ensure that pin 40 is left open.
53, 76, 78, 80



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com