Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD16337 Datasheet(PDF) 11 Page - NEC

Part # UPD16337
Description  64-BIT AC-PDP DRIVER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD16337 Datasheet(HTML) 11 Page - NEC

Back Button UPD16337 Datasheet HTML 7Page - NEC UPD16337 Datasheet HTML 8Page - NEC UPD16337 Datasheet HTML 9Page - NEC UPD16337 Datasheet HTML 10Page - NEC UPD16337 Datasheet HTML 11Page - NEC UPD16337 Datasheet HTML 12Page - NEC UPD16337 Datasheet HTML 13Page - NEC UPD16337 Datasheet HTML 14Page - NEC UPD16337 Datasheet HTML 15Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
µPD16337
11
PACKAGE DRAWINGS
100 PIN PLASTIC QFP (14 20)
ITEM
MILLIMETERS
INCHES
D
F
G
I
J
0.8
0.6
0.65 (T.P.)
0.15
17.2±0.2
Q
0.677±0.008
0.031
0.024
0.006
0.026 (T.P.)
S100GF-65-3BA-3
NOTE
Each lead centerline is located within 0.15 mm (0.006 inch) of
its true position (T.P.) at maximum material condition.
C
14.0±0.2
0.551
M
0.15
0.006
0.125±0.075
0.005±0.003
+0.004
–0.003
+0.009
–0.008
A
23.2±0.2
0.913
H
0.30±0.10
0.012+0.004
–0.005
L
0.8±0.2
0.031+0.009
–0.008
N
0.10
0.004
P
2.7
0.106
S
3.0 MAX.
0.119 MAX.
+0.10
–0.05
B
20.0±0.2
0.787+0.009
–0.008
+0.009
–0.008
K
1.6±0.2
0.063±0.008
R5
°±5°
5
°±5°
M
80
81
50
100
1
31
30
51
N
detail of lead end
I
J
F
G
H
Q
R
P
K
M
L
A
B
CD
S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com