Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD16337 Datasheet(PDF) 12 Page - NEC

Part # UPD16337
Description  64-BIT AC-PDP DRIVER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD16337 Datasheet(HTML) 12 Page - NEC

Back Button UPD16337 Datasheet HTML 8Page - NEC UPD16337 Datasheet HTML 9Page - NEC UPD16337 Datasheet HTML 10Page - NEC UPD16337 Datasheet HTML 11Page - NEC UPD16337 Datasheet HTML 12Page - NEC UPD16337 Datasheet HTML 13Page - NEC UPD16337 Datasheet HTML 14Page - NEC UPD16337 Datasheet HTML 15Page - NEC UPD16337 Datasheet HTML 16Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
µPD16337
12
RECOMMENDED SOLDERING CONDITIONS
This product should be soldered and mounted under the conditions recommended below.
For soldering methods and conditions other than those recommended, please contact your NEC sales represen-
tative.
SURFACE MOUNT TYPE
For details of recommended soldering conditions, refer to the information document “Semiconductor Device
Mounting Technology Manual” (C10535E).
µPD16337GF-3BA
Soldering Method
Soldering Conditions
Recommended
Condition Symbol
Infrared reflow
Package peak temperature: 230
°C, Duration: 30 sec. MAX.
IR30-00-2
(at 210
°C or above), Number of times: Twice, Time limit: NoneNote
VPS
Package peak temperature: 215
°C, Duration: 40 sec. MAX.
VP15-00-2
(at 200
°C or above), Number of times: Twice, Time limit: NoneNote
Pin partial heating
Pin partial temperature: 300
°C MAX., Duration: 10 sec. MAX.,
Time limit: NoneNote
Note For the storage period after dry-pack decapsulation, storage conditions are max. 25
°C, 65% RH.
Caution Use of more than one soldering method should be avoided (except in the case of pin partial
heating).
REFERENCES
NEC Semiconductor Device Reliability/Quality Control System (IEI-1212)
Quality Grade on NEC Semiconductor Devices (C11531E)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com