Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD16337 Datasheet(PDF) 2 Page - NEC

Part # UPD16337
Description  64-BIT AC-PDP DRIVER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD16337 Datasheet(HTML) 2 Page - NEC

  UPD16337 Datasheet HTML 1Page - NEC UPD16337 Datasheet HTML 2Page - NEC UPD16337 Datasheet HTML 3Page - NEC UPD16337 Datasheet HTML 4Page - NEC UPD16337 Datasheet HTML 5Page - NEC UPD16337 Datasheet HTML 6Page - NEC UPD16337 Datasheet HTML 7Page - NEC UPD16337 Datasheet HTML 8Page - NEC UPD16337 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
µPD16337
2
BLOCK DIAGRAM
PC
BLK
LE
O1
Note
S64
S61
S62
S63
S64
L64
S1
S2
S3
S4
LE
L1
..
..
..
..
..
..
..
..
..
..
..
..
..
..
..
..
..
..
..
..
..
..
..
..
..
..
..
..
..
..
..
..
..
..
..
..
..
..
..
..
..
..
..
..
..
..
..
..
..
..
..
..
..
..
..
..
..
..
..
..
..
..
..
..
..
..
..
..
..
..
..
..
..
..
..
..
..
..
..
..
..
..
..
..
..
..
..
..
..
..
..
..
..
..
..
..
..
..
..
..
..
..
..
..
..
..
..
..
..
..
..
..
..
..
..
..
..
..
..
..
..
..
..
..
..
..
..
..
..
..
..
..
..
..
..
..
..
..
..
..
..
..
..
..
..
..
..
..
..
..
..
..
..
..
..
..
..
..
..
..
..
..
..
..
..
..
..
..
..
..
..
..
..
..
..
..
..
..
..
..
..
..
..
..
..
..
..
..
..
..
..
..
..
..
..
..
..
.
A1
A2
B2
A3
B3
A4
B4
A1
SR1
S1
CLK
CLK
S5
..
..
..
..
..
..
..
..
R/L
R/L
S61
B1
B1
A2
SR2
S2
CLK
S6
..
..
..
..
..
..
..
..
R/L
S62
B2
A3
SR3
S3
CLK
S7
..
..
..
..
..
..
..
..
R/L
S63
B3
A4
SR4
S4
CLK
S8
..
..
..
..
..
..
..
..
R/L
S64
B4
SRn: 16-bit shift register
Note High withstand voltage CMOS driver, 150 V,
±40 mA (MAX.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com