Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRFBA1405P Datasheet(PDF) 1 Page - International Rectifier

Part # IRFBA1405P
Description  Power MOSFET(Vdss=55V, Rds(on)=5.0mohm, Id=174A??
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFBA1405P Datasheet(HTML) 1 Page - International Rectifier

  IRFBA1405P Datasheet HTML 1Page - International Rectifier IRFBA1405P Datasheet HTML 2Page - International Rectifier IRFBA1405P Datasheet HTML 3Page - International Rectifier IRFBA1405P Datasheet HTML 4Page - International Rectifier IRFBA1405P Datasheet HTML 5Page - International Rectifier IRFBA1405P Datasheet HTML 6Page - International Rectifier IRFBA1405P Datasheet HTML 7Page - International Rectifier IRFBA1405P Datasheet HTML 8Page - International Rectifier IRFBA1405P Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
HEXFET® Power MOSFET
S
D
G
VDSS = 55V
RDS(on) = 5.0mΩ
ID = 174A
†
Description
3/1/01
www.irf.com
1
q
Advanced Process Technology
q
Ultra Low On-Resistance
q
Dynamic dv/dt Rating
q
175°C Operating Temperature
q
Fast Switching
q
Repetitive Avalanche Allowed up to Tjmax
Benefits
AUTOMOTIVE MOSFET
IRFBA1405P
Typical Applications
q
Electric Power Steering (EPS)
q
Anti-lock Braking System (ABS)
q
Wiper Control
q
Climate Control
q
Power Door
Super-220™
Specifically designed for Automotive applications, this Stripe Planar
design of HEXFET® Power MOSFETs utilizes the latest processing
techniques to achieve extremely low on-resistance per silicon area.
Additional features of this MOSFET are a 175oC junction operating
temperature, fast switching speed and improved ruggedness in
single and repetitive avalanche. The Super-220 TM is a package that
has been designed to have the same mechanical outline and pinout
as the industry standard TO-220 but can house a considerably
larger silicon die. The result is significantly increased current
handling capability over both the TO-220 and the much larger TO-
247 package. The combination of extremely low on-resistance
silicon and the Super-220 TM package makes it ideal to reduce the
component count in multiparalled TO-220 applications, reduce
system power dissipation, upgrade existing designs or have TO-247
performance in a TO-220 outline. This package has been designed
to meet automotive, Q101, qualification standard.
These benefits make this design an extremely efficient and reliable
device for use in Automotive applications and a wide variety of other
applications.
Absolute Maximum Ratings
Parameter
Max.
Units
ID @ TC = 25°C
Continuous Drain Current, VGS @ 10V
174
†
ID @ TC = 100°C
Continuous Drain Current, VGS @ 10V
123
†
A
IDM
Pulsed Drain Current

680
PD @TC = 25°C
Power Dissipation
330
W
Linear Derating Factor
2.2
W/°C
VGS
Gate-to-Source Voltage
± 20
V
EAS
Single Pulse Avalanche Energy
‚
560
mJ
IAR
Avalanche Current
See Fig.12a, 12b, 15, 16
A
EAR
Repetitive Avalanche Energy
‡
mJ
dv/dt
Peak Diode Recovery dv/dt
ƒ
5.0
V/ns
TJ
Operating Junction and
-40 to + 175
TSTG
Storage Temperature Range
-55 to + 175
Soldering Temperature, for 10 seconds
300 (1.6mm from case )
Recommended clip force
20
N
°C
PD -94111


Similar Part No. - IRFBA1405P

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFBA1405PPBF IRF-IRFBA1405PPBF Datasheet
153Kb / 10P
HEXFET짰 Power MOSFET
IRFBA1405PPBF IRF-IRFBA1405PPBF Datasheet
222Kb / 10P
Advanced Process Technology
IRFBA1405PPBF IRF-IRFBA1405PPBF_15 Datasheet
222Kb / 10P
Advanced Process Technology
More results

Similar Description - IRFBA1405P

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF1302S IRF-IRF1302S Datasheet
229Kb / 11P
Power MOSFET(Vdss=20V, Rds(on)=4.0mohm, Id=174A??
IRF3205 IRF-IRF3205 Datasheet
92Kb / 8P
Power MOSFET(Vdss=55V, Rds(on)=8.0mohm, Id=110A??
IRF3205S IRF-IRF3205S Datasheet
160Kb / 10P
Power MOSFET(Vdss=55V, Rds(on)=8.0mohm, Id=110A??
IRF9Z34N IRF-IRF9Z34N Datasheet
108Kb / 8P
Power MOSFET(Vdss=-55V, Rds(on)=0.10ohm, Id=-19A)
IRF9Z34NS IRF-IRF9Z34NS Datasheet
162Kb / 10P
Power MOSFET(Vdss=-55V, Rds(on)=0.10ohm, Id=-19A)
IRFI1010N IRF-IRFI1010N Datasheet
109Kb / 8P
Power MOSFET(Vdss=55V, Rds(on)=0.012ohm, Id=49A)
IRFI3205 IRF-IRFI3205 Datasheet
107Kb / 8P
Power MOSFET(Vdss=55V, Rds(on)=0.008ohm, Id=64A)
IRFL024N IRF-IRFL024N Datasheet
110Kb / 8P
Power MOSFET(Vdss=55V, Rds(on)=0.075ohm, Id=2.8A)
IRFR2605 IRF-IRFR2605 Datasheet
345Kb / 8P
Power MOSFET(Vdss=55V, Rds(on)=0.075ohm, Id=19A)
IRFZ24N IRF-IRFZ24N Datasheet
123Kb / 8P
Power MOSFET (Vdss=55V, Rds(on)=0.07ohm, Id=17A)
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com