Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRFBC40AS Datasheet(PDF) 1 Page - International Rectifier

Part # IRFBC40AS
Description  Power MOSFET(Vdss=600V, Rds(on)max=1.2ohm, Id=6.2A)
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFBC40AS Datasheet(HTML) 1 Page - International Rectifier

  IRFBC40AS Datasheet HTML 1Page - International Rectifier IRFBC40AS Datasheet HTML 2Page - International Rectifier IRFBC40AS Datasheet HTML 3Page - International Rectifier IRFBC40AS Datasheet HTML 4Page - International Rectifier IRFBC40AS Datasheet HTML 5Page - International Rectifier IRFBC40AS Datasheet HTML 6Page - International Rectifier IRFBC40AS Datasheet HTML 7Page - International Rectifier IRFBC40AS Datasheet HTML 8Page - International Rectifier IRFBC40AS Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
www.irf.com
1
6/29/99
IRFBC40AS
SMPS MOSFET
HEXFET® Power MOSFET
l Switch Mode Power Supply ( SMPS )
l Uninterruptable Power Supply
l High speed power switching
Benefits
Applications
l Low Gate Charge Qg results in Simple
Drive Requirement
l Improved Gate, Avalanche and dynamic
dv/dt Ruggedness
l Fully Characterized Capacitance and
Avalanche Voltage and Current
l Effective Coss Specified ( See AN 1001)
VDSS
Rds(on) max
ID
600V
1.2
Ω
6.2A
Typical SMPS Topology:
l Single transistor Forward
Parameter
Max.
Units
ID @ TC = 25°C
Continuous Drain Current, VGS @ 10V†
6.2
ID @ TC = 100°C
Continuous Drain Current, VGS @ 10V†
3.9
A
IDM
Pulsed Drain Current
†
25
PD @TC = 25°C
Power Dissipation
125
W
Linear Derating Factor
1.0
W/°C
VGS
Gate-to-Source Voltage
± 30
V
dv/dt
Peak Diode Recovery dv/dt
Ġ
6.0
V/ns
TJ
Operating Junction and
-55 to + 150
TSTG
Storage Temperature Range
Soldering Temperature, for 10 seconds
300 (1.6mm from case )
°C
Absolute Maximum Ratings
PD- 91897A
Notes
 through … are on page 9
2
D Pa k


Similar Part No. - IRFBC40AS

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IRFBC40AS VISHAY-IRFBC40AS Datasheet
342Kb / 8P
Power MOSFET
23-Jun-08
logo
Inchange Semiconductor ...
IRFBC40AS ISC-IRFBC40AS Datasheet
322Kb / 2P
iscN-Channel MOSFET Transistor
logo
Vishay Siliconix
IRFBC40AS VISHAY-IRFBC40AS Datasheet
387Kb / 10P
Power MOSFET
20-Sep-2021
logo
International Rectifier
IRFBC40ASPBF IRF-IRFBC40ASPBF Datasheet
594Kb / 9P
HEXFET POWER MOSFET
logo
Vishay Siliconix
IRFBC40ASPBF VISHAY-IRFBC40ASPBF Datasheet
342Kb / 8P
Power MOSFET
23-Jun-08
More results

Similar Description - IRFBC40AS

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF9510 IRF-IRF9510 Datasheet
171Kb / 6P
Power MOSFET(Vdss=-100V, Rds(on)=1.2ohm, Id=-4.0A)
IRF9510S IRF-IRF9510S Datasheet
176Kb / 6P
Power MOSFET(Vdss=-100V, Rds(on)=1.2ohm, Id=-4.0A)
IRFBC40A IRF-IRFBC40A Datasheet
97Kb / 8P
Power MOSFET(Vdss=600V, Rds(on)max=1.2ohm, Id=6.2A)
IRFBC40S IRF-IRFBC40S Datasheet
350Kb / 10P
Power MOSFET(Vdss=600V, Rds(on)=1.2ohm, Id=6.2A)
IRFD9110 IRF-IRFD9110 Datasheet
173Kb / 6P
Power MOSFET(Vdss=-100V, Rds(on)=1.2ohm, Id=-0.70A)
IRFIBC40G IRF-IRFIBC40G Datasheet
170Kb / 6P
Power MOSFET(Vdss=600V, Rds(on)=1.2ohm, Id=3.5A)
IRFIBC40GLC IRF-IRFIBC40GLC Datasheet
229Kb / 8P
Power MOSFET(Vdss=600V, Rds(on)=1.2ohm, Id=3.5A)
IRFPC40 IRF-IRFPC40 Datasheet
168Kb / 6P
Power MOSFET(Vdss=600V, Rds(on)=1.2ohm, Id=6.8A)
IRFR9110 IRF-IRFR9110 Datasheet
172Kb / 6P
Power MOSFET(Vdss=-100V, Rds(on)=1.2ohm, Id=-3.1A)
IRFBC40PBF IRF-IRFBC40PBF Datasheet
3Mb / 7P
HEXFET POWER MOSFET (VDSS=600V , RDS(on)=1.2Ohm , ID=6.2A)
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com