Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRFPC50LC Datasheet(PDF) 1 Page - International Rectifier

Part # IRFPC50LC
Description  Power MOSFET(Vdss=600V, Rds(on)=0.60ohm, Id=11A)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFPC50LC Datasheet(HTML) 1 Page - International Rectifier

  IRFPC50LC Datasheet HTML 1Page - International Rectifier IRFPC50LC Datasheet HTML 2Page - International Rectifier IRFPC50LC Datasheet HTML 3Page - International Rectifier IRFPC50LC Datasheet HTML 4Page - International Rectifier IRFPC50LC Datasheet HTML 5Page - International Rectifier IRFPC50LC Datasheet HTML 6Page - International Rectifier IRFPC50LC Datasheet HTML 7Page - International Rectifier IRFPC50LC Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
IRFPC50LC
HEXFET® Power MOSFET
PD - 9.1233
Revision 0
VDSS = 600V
RDS(on) = 0.60Ω
ID = 11A
Parameter
Max.
Units
ID @ TC = 25°C
Continuous Drain Current, V GS @ 10V
11
ID @ TC = 100°C
Continuous Drain Current, V GS @ 10V
7.3
A
IDM
Pulsed Drain Current
44
PD @TC = 25°C
Power Dissipation
190
W
Linear Derating Factor
1.5
W/°C
VGS
Gate-to-Source Voltage
±30
V
EAS
Single Pulse Avalanche Energy
920
mJ
IAR
Avalanche Current
11
A
EAR
Repetitive Avalanche Energy
19
mJ
dv/dt
Peak Diode Recovery dv/dt
3.0
V/ns
TJ
Operating Junction and
-55 to + 150
TSTG
Storage Temperature Range
°C
Soldering Temperature, for 10 seconds
300 (1.6mm from case)
Mounting torque, 6-32 or M3 screw.
10 lbf•in (1.1N•m)
Thermal Resistance
Ultra Low Gate Charge
Reduced Gate Drive Requirement
Enhanced 30V Vgs Rating
Reduced Ciss, Coss, Crss
Isolated Central Mounting Hole
Dynamic dv/dt Rated
Repetitive Avalanche Rated
This new series of Low Charge HEXFET Power MOSFETs achieve significantly
lower gate charge over conventional MOSFETs.
Utilizing advanced Hexfet
technology the device improvements allow for reduced gate drive requirements,
faster switching speeds and increased total system savings.
These device
improvements combined with the proven ruggedness and reliability of HEXFETs
offer the designer a new standard in power transistors for switching applications.
The TO-247 package is preferred for commercial-industrial applications where
higher power levels preclude the use of TO-220 devices. The TO-247 is similar
but superior to the earlier TO-218 package because of its isolated mounting hole.
Description
Absolute Maximum Ratings
Parameter
Min.
Typ.
Max.
Units
RθJC
Junction-to-Case
––––
––––
0.65
RθCS
Case-to-Sink, Flat, Greased Surface
––––
0.24
––––
°C/W
RθJA
Junction-to-Ambient
––––
––––
40
Next Data Sheet
Index
Previous Datasheet
To Order


Similar Part No. - IRFPC50LC

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IRFPC50LC VISHAY-IRFPC50LC Datasheet
583Kb / 8P
Power MOSFET
17-Jun-08
IRFPC50LC VISHAY-IRFPC50LC Datasheet
643Kb / 11P
Power MOSFET
31-Jan-2022
logo
International Rectifier
IRFPC50LCPBF IRF-IRFPC50LCPBF Datasheet
1Mb / 8P
HEXFET Power MOSFET
logo
Vishay Siliconix
IRFPC50LCPBF VISHAY-IRFPC50LCPBF Datasheet
583Kb / 8P
Power MOSFET
17-Jun-08
IRFPC50LC VISHAY-IRFPC50LC_V01 Datasheet
643Kb / 11P
Power MOSFET
31-Jan-2022
More results

Similar Description - IRFPC50LC

ManufacturerPart #DatasheetDescription
logo
International Rectifier
448IRF IRF-448IRF Datasheet
168Kb / 6P
Power MOSFET(Vdss=500V, Rds(on)=0.60ohm, Id=11A)
C50IRF IRF-C50IRF Datasheet
164Kb / 6P
Power MOSFET(Vdss=600V, Rds(on)=0.60ohm, Id=11A)
IRF9640 IRF-IRF9640 Datasheet
170Kb / 6P
Power MOSFET(Vdss=-200V, Rds(on)=0.50ohm, Id=-11A)
IRF9640S IRF-IRF9640S Datasheet
170Kb / 6P
Power MOSFET(Vdss=-200V, Rds(on)=0.50ohm, Id=-11A)
IRF9Z24S IRF-IRF9Z24S Datasheet
311Kb / 10P
Power MOSFET(Vdss=-60V, Rds(on)=0.28ohm, Id=-11A)
IRFD9120 IRF-IRFD9120 Datasheet
173Kb / 6P
Power MOSFET(Vdss=-100V, Rds(on)=0.60ohm, Id=-1.0A)
IRFP340 IRF-IRFP340 Datasheet
172Kb / 6P
Power MOSFET(Vdss=400V, Rds(on)=0.55ohm, Id=11A)
IRFPC50A IRF-IRFPC50A Datasheet
95Kb / 8P
Power MOSFET(Vdss=600V, Rds(on)max=0.58ohm, Id=11A)
IRFR9120 IRF-IRFR9120 Datasheet
173Kb / 6P
Power MOSFET(Vdss=-100V, Rds(on)=0.60ohm, Id=-5.6A)
IRFRU9024N IRF-IRFRU9024N Datasheet
117Kb / 10P
Power MOSFET(Vdss=-55V, Rds(on)=0.175ohm, Id=-11A)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com