Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

G4PC50FD Datasheet(PDF) 3 Page - International Rectifier

Part # G4PC50FD
Description  INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE(Vces=600V, Vce(on)typ.=1.45V, @Vge=15V, Ic=39A)
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

G4PC50FD Datasheet(HTML) 3 Page - International Rectifier

  G4PC50FD Datasheet HTML 1Page - International Rectifier G4PC50FD Datasheet HTML 2Page - International Rectifier G4PC50FD Datasheet HTML 3Page - International Rectifier G4PC50FD Datasheet HTML 4Page - International Rectifier G4PC50FD Datasheet HTML 5Page - International Rectifier G4PC50FD Datasheet HTML 6Page - International Rectifier G4PC50FD Datasheet HTML 7Page - International Rectifier G4PC50FD Datasheet HTML 8Page - International Rectifier G4PC50FD Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
IRG4PC50FD
www.irf.com
3
Fig. 1 - Typical Load Current vs. Frequency
(Load Current = IRMS of fundamental)
Fig. 2 - Typical Output Characteristics
Fig. 3 - Typical Transfer Characteristics
0
10
20
30
40
50
0 . 1
1
10
100
f, Frequenc y (kHz)
A
6 0% of r ate d
vo lt a g e
D u ty cycle: 50 %
T = 125°C
T
= 9 0 °C
G a te drive as spe cifie d
T urn-on loss es includ e
e ffects of reverse re c overy
sink
J
Po w e r D iss ipation = 40W
1
10
100
1000
0.1
1
1 0
CE
V
, C o lle c to r-to -E m itte r V o lta g e (V )
T = 1 5 0 °C
T = 2 5 °C
J
J
V
= 1 5 V
20 µ s PU LSE W ID T H
GE
A
1
10
100
1000
5
6
7
8
9
1 01 11 2
GE
T = 2 5°C
T = 1 50 °C
J
J
V
, G a te -to -E m itte r V o lta g e (V )
A
V
= 5 0 V
5µ s PU LSE W ID TH
CC



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com