Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

G4PC50FD Datasheet(PDF) 2 Page - International Rectifier

Part # G4PC50FD
Description  INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE(Vces=600V, Vce(on)typ.=1.45V, @Vge=15V, Ic=39A)
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

G4PC50FD Datasheet(HTML) 2 Page - International Rectifier

  G4PC50FD Datasheet HTML 1Page - International Rectifier G4PC50FD Datasheet HTML 2Page - International Rectifier G4PC50FD Datasheet HTML 3Page - International Rectifier G4PC50FD Datasheet HTML 4Page - International Rectifier G4PC50FD Datasheet HTML 5Page - International Rectifier G4PC50FD Datasheet HTML 6Page - International Rectifier G4PC50FD Datasheet HTML 7Page - International Rectifier G4PC50FD Datasheet HTML 8Page - International Rectifier G4PC50FD Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
IRG4PC50FD
2
www.irf.com
Parameter
Min. Typ. Max. Units
Conditions
Qg
Total Gate Charge (turn-on)
----
190
290
IC = 39A
Qge
Gate - Emitter Charge (turn-on)
----
28
42
nC
VCC = 400V
See Fig. 8
Qgc
Gate - Collector Charge (turn-on)
----
65
97
VGE = 15V
td(on)
Turn-On Delay Time
----
55
----
TJ = 25°C
tr
Rise Time
----
25
----
ns
IC = 39A, VCC = 480V
td(off)
Turn-Off Delay Time
----
240
360
VGE = 15V, RG = 5.0Ω
tf
Fall Time
----
140
210
Energy losses include "tail" and
Eon
Turn-On Switching Loss
----
1.5
----
diode reverse recovery.
Eoff
Turn-Off Switching Loss
----
2.4
----
mJ
See Fig. 9, 10, 11, 18
Ets
Total Switching Loss
----
3.9
5.0
td(on)
Turn-On Delay Time
----
59
----
TJ = 150°C,
See Fig. 9, 10, 11, 18
tr
Rise Time
----
27
----
ns
IC = 39A, VCC = 480V
td(off)
Turn-Off Delay Time
----
400
----
VGE = 15V, RG = 5.0Ω
tf
Fall Time
----
260
----
Energy losses include "tail" and
Ets
Total Switching Loss
----
6.5
----
mJ
diode reverse recovery.
LE
Internal Emitter Inductance
----
13
----
nH
Measured 5mm from package
Cies
Input Capacitance
----
4100
----
VGE = 0V
Coes
Output Capacitance
----
250
----
pF
VCC = 30V
See Fig. 7
Cres
Reverse Transfer Capacitance
----
49
----
ƒ = 1.0MHz
trr
Diode Reverse Recovery Time
----
50
75
ns
TJ = 25°C See Fig.
----
105
160
TJ = 125°C
14
IF = 25A
Irr
Diode Peak Reverse Recovery Current
----
4.5
10
A
TJ = 25°C
See Fig.
----
8.0
15
TJ = 125°C
15
VR = 200V
Qrr
Diode Reverse Recovery Charge
----
112
375
nC
TJ = 25°C
See Fig.
----
420 1200
TJ = 125°C
16
di/dt 200A/µs
di(rec)M/dt
Diode Peak Rate of Fall of Recovery
----
250
----
A/µs
TJ = 25°C
See Fig.
During tb
----
160
----
TJ = 125°C
17
Parameter
Min. Typ. Max. Units
Conditions
V(BR)CES
Collector-to-Emitter Breakdown Voltage
S 600
----
----
V
VGE = 0V, IC = 250µA
∆V(BR)CES/∆TJ Temperature Coeff. of Breakdown Voltage
----
0.62
----
V/°CVGE = 0V, IC = 1.0mA
VCE(on)
Collector-to-Emitter Saturation Voltage
----
1.45
1.6
IC = 39A
VGE = 15V
----
1.79
----
V
IC = 70A
See Fig. 2, 5
----
1.53
----
IC = 39A, TJ = 150°C
VGE(th)
Gate Threshold Voltage
3.0
----
6.0
VCE = VGE, IC = 250µA
∆VGE(th)/∆TJ Temperature Coeff. of Threshold Voltage ----
-14
---- mV/°CVCE = VGE, IC = 250µA
gfe
Forward Transconductance
T
21
30
----
S
VCE = 100V, IC = 39A
ICES
Zero Gate Voltage Collector Current
----
----
250
µA
VGE = 0V, VCE = 600V
----
----
6500
VGE = 0V, VCE = 600V, TJ = 150°C
VFM
Diode Forward Voltage Drop
----
1.3
1.7
V
IC = 25A
See Fig. 13
----
1.2
1.5
IC = 25A, TJ = 150°C
IGES
Gate-to-Emitter Leakage Current
----
----
±100
n A
VGE = ±20V
Switching Characteristics @ TJ = 25°C (unless otherwise specified)
Electrical Characteristics @ TJ = 25°C (unless otherwise specified)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com