Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

G4PC50FD Datasheet(PDF) 4 Page - International Rectifier

Part # G4PC50FD
Description  INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE(Vces=600V, Vce(on)typ.=1.45V, @Vge=15V, Ic=39A)
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

G4PC50FD Datasheet(HTML) 4 Page - International Rectifier

  G4PC50FD Datasheet HTML 1Page - International Rectifier G4PC50FD Datasheet HTML 2Page - International Rectifier G4PC50FD Datasheet HTML 3Page - International Rectifier G4PC50FD Datasheet HTML 4Page - International Rectifier G4PC50FD Datasheet HTML 5Page - International Rectifier G4PC50FD Datasheet HTML 6Page - International Rectifier G4PC50FD Datasheet HTML 7Page - International Rectifier G4PC50FD Datasheet HTML 8Page - International Rectifier G4PC50FD Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
IRG4PC50FD
4
www.irf.com
Fig. 5 - Typical Collector-to-Emitter Voltage
vs. Junction Temperature
Fig. 4 - Maximum Collector Current vs.
Case Temperature
Fig. 6 - Maximum IGBT Effective Transient Thermal Impedance, Junction-to-Case
1.0
1.5
2.0
2.5
- 6 0
- 4 0
- 2 0
0
2 0
4 0
6 0
8 0
100
120
140
160
V
= 1 5V
80µs PU LSE W ID TH
GE
A
T , Ju nction Te m p eratu re (°C )
J
I
= 78 A
I
= 39 A
I
= 2 0 A
C
C
C
0
10
20
30
40
50
60
70
25
50
75
100
125
150
T
, C ase Tem perature (°C)
C
V
= 15 V
GE
0.01
0.1
1
0.00001
0.0001
0.001
0.01
0.1
1
10
t , R ectangular P ulse D uration (sec)
1
D = 0 .5 0
0.01
0.02
0.05
0.1 0
0.2 0
S IN G L E P U L S E
( T HERM AL RESPO NSE)
P
t
2
1
t
DM
N o te s :
1 . D u ty fa c to r D = t
/ t
2 . P e a k T = P
x Z
+ T
1
2
J
DM
th J C
C



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com