Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

G4PC50FD Datasheet(PDF) 10 Page - International Rectifier

Part # G4PC50FD
Description  INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE(Vces=600V, Vce(on)typ.=1.45V, @Vge=15V, Ic=39A)
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

G4PC50FD Datasheet(HTML) 10 Page - International Rectifier

Back Button G4PC50FD Datasheet HTML 2Page - International Rectifier G4PC50FD Datasheet HTML 3Page - International Rectifier G4PC50FD Datasheet HTML 4Page - International Rectifier G4PC50FD Datasheet HTML 5Page - International Rectifier G4PC50FD Datasheet HTML 6Page - International Rectifier G4PC50FD Datasheet HTML 7Page - International Rectifier G4PC50FD Datasheet HTML 8Page - International Rectifier G4PC50FD Datasheet HTML 9Page - International Rectifier G4PC50FD Datasheet HTML 10Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
IRG4PC50FD
10
www.irf.com
Case Outline — TO-247AC
Notes:
QRepetitive rating: VGE=20V; pulse width limited by maximum junction temperature (figure 20)
RVCC=80%(VCES), VGE=20V, L=10µH, RG = 5.0Ω (figure 19)
SPulse width ≤ 80µs; duty factor ≤ 0.1%.
TPulse width 5.0µs, single shot.
D im ens ions in M illim e ter s and ( Inc hes )
CONFO RMS TO JEDEC OUTLINE T O-247AC (TO-3P)
- D -
5.30 ( .20 9 )
4.70 ( .18 5 )
3.65 ( .14 3)
3.55 ( .14 0)
2.5 0 (.0 89)
1.5 0 (.0 59)
4
3X
0.80 (.03 1)
0.40 (.01 6)
2.60 (.1 0 2 )
2.20 (.0 8 7 )
3.40 (.13 3)
3.00 (.11 8)
3X
0.25 (.0 10) M
C A S
4.3 0 (.1 70)
3.7 0 (.1 45)
- C -
2X
5.50 (.2 17)
4.50 (.1 77)
5.5 0 (.2 17)
0 .25 (.010 )
1.4 0 (.0 56)
1.0 0 (.0 39)
D
M
M
B
- A -
15 .9 0 (.6 2 6 )
15 .3 0 (.6 0 2 )
- B -
1
23
2 0 .3 0 (.80 0)
1 9 .7 0 (.77 5)
1 4 .80 ( .58 3)
1 4 .20 ( .55 9)
2.40 ( .09 4)
2.00 ( .07 9)
2X
2X
5.45 (.2 1 5 )
*
N O T ES:
1 DIM E NSI O NS & T O L E RAN C IN G
P E R A N S I Y 14.5M , 1982.
2 CO NT RO L L ING DIM E NSIO N : IN C H .
3 D IM E N S I O N S A R E S H O W N
M IL L IM E T E R S (IN C H E S ).
4 C O N F O R M S T O J E D E C O U T L IN E
T O - 2 4 7A C .
L EAD ASSIG N M E NT S
1 - G A T E
2 - C O LLE C T O R
3 - E M IT T E R
4 - C O LLE C T O R
* LONG ER LE ADED (20m m )
V E RSIO N AVAIL ABL E ( TO -247A D )
T O O RDER ADD "-E" SU F F IX
T O PAR T NU M BER
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105
TAC Fax: (310) 252-7903
Visit us at www.irf.com for sales contact information.
Data and specifications subject to change without notice. 12/00



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com