Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4451 Datasheet(PDF) 9 Page - STMicroelectronics

Part # AN4451
Description  Signal conditioning for a UV sensor
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4451 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button AN4451 Datasheet HTML 5Page - STMicroelectronics AN4451 Datasheet HTML 6Page - STMicroelectronics AN4451 Datasheet HTML 7Page - STMicroelectronics AN4451 Datasheet HTML 8Page - STMicroelectronics AN4451 Datasheet HTML 9Page - STMicroelectronics AN4451 Datasheet HTML 10Page - STMicroelectronics AN4451 Datasheet HTML 11Page - STMicroelectronics AN4451 Datasheet HTML 12Page - STMicroelectronics AN4451 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
AN4451
Stability of the UV sensor
DocID025985 Rev 1
9/15
A zero also appears and must be considered, as shown in formula (9).
In addition, the low-frequency pole of the op-amp's open loop transfer function must be
considered, as shown in formula (10).
Therefore, the bode diagram of this system can be plotted as shown in Figure 8.
Figure 8: Bode diagram of the open loop transfer function of an application using a UV sensor
We can consider that Rg (100 GΩ) >> Rf (10 MΩ), so fz > fp.
With these considerations,
To guaranty stability of the system, the bode diagram must cross the X-axis with a slope of
-20 dB/decade. So, considering Figure 8, and to ensure stability, the gain at frequency fz
must be greater than 1.
Consequently, formula (11) is inferred.
1
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com