Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4451 Datasheet(PDF) 11 Page - STMicroelectronics

Part # AN4451
Description  Signal conditioning for a UV sensor
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4451 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button AN4451 Datasheet HTML 7Page - STMicroelectronics AN4451 Datasheet HTML 8Page - STMicroelectronics AN4451 Datasheet HTML 9Page - STMicroelectronics AN4451 Datasheet HTML 10Page - STMicroelectronics AN4451 Datasheet HTML 11Page - STMicroelectronics AN4451 Datasheet HTML 12Page - STMicroelectronics AN4451 Datasheet HTML 13Page - STMicroelectronics AN4451 Datasheet HTML 14Page - STMicroelectronics AN4451 Datasheet HTML 15Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
AN4451
Noise reduction
DocID025985 Rev 1
11/15
3
Noise reduction
The Cf capacitor added in parallel with the Rf resistor helps to stabilize the transimpedance
of the application. It also lowers the bandwidth of the system. The cut off frequency is given
by formula (14).
If we consider a feedback capacitance of Cf = 10 pF, the bandwidth is limited to 1.9 kHz
and noise is also reduced on the output. A simple RC filter may also be added on the
output of the OA1MPA to obtain an overall second filter Rn, Cn as shown in Figure1 and as
described in formula (15).
If the bandwidth is a critical requirement, choose an op-amp with a higher
bandwidth like the TSV731 (GBP = 900 kHz). In addition, try to reduce the
transimpedance gain (Rf) and add a second stage of voltage gain. The drawback
is higher noise on the output.
1
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com