Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4451 Datasheet(PDF) 12 Page - STMicroelectronics

Part # AN4451
Description  Signal conditioning for a UV sensor
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4451 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button AN4451 Datasheet HTML 7Page - STMicroelectronics AN4451 Datasheet HTML 8Page - STMicroelectronics AN4451 Datasheet HTML 9Page - STMicroelectronics AN4451 Datasheet HTML 10Page - STMicroelectronics AN4451 Datasheet HTML 11Page - STMicroelectronics AN4451 Datasheet HTML 12Page - STMicroelectronics AN4451 Datasheet HTML 13Page - STMicroelectronics AN4451 Datasheet HTML 14Page - STMicroelectronics AN4451 Datasheet HTML 15Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
Output voltage limitation
AN4451
12/15
DocID025985 Rev 1
4
Output voltage limitation
To improve the sensitivity of the UV sensor, use it in photovoltaic mode i.e. with a zero bias
operation. In this case, the dark current offset is generated by the photodiode leakage. If
the op-amp is used in single supply from GND to Vcc (as shown in Figure1), the Vol output
saturation of the OA1MPA might be a limitation for treating low UV radiation levels.
Despite the fact that the OA1MPA is an output rail-to-rail op-amp, it has a Vol output
saturation voltage of 40 mV @ 25 °C. When it is important to know precisely the current
delivered by a sensor with a low UV intensity, add a reference to avoid Vol limitation as
shown in Figure 9.
Figure 9: How to avoid Vol limitation
In the above case, there is an offset of 100 mV at Vout. It is important to connect Vref to
the ADC to obtain a precise calculation.
+
-
Vcc
8.2M
Ω
Vout
10pF
Uv sensor
STM32 Microcontroller
ADC
Rn
Cn
Vref=100mV
OA1MPA
STM32 microcontroller



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com