Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4451 Datasheet(PDF) 5 Page - STMicroelectronics

Part # AN4451
Description  Signal conditioning for a UV sensor
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4451 Datasheet(HTML) 5 Page - STMicroelectronics

  AN4451 Datasheet HTML 1Page - STMicroelectronics AN4451 Datasheet HTML 2Page - STMicroelectronics AN4451 Datasheet HTML 3Page - STMicroelectronics AN4451 Datasheet HTML 4Page - STMicroelectronics AN4451 Datasheet HTML 5Page - STMicroelectronics AN4451 Datasheet HTML 6Page - STMicroelectronics AN4451 Datasheet HTML 7Page - STMicroelectronics AN4451 Datasheet HTML 8Page - STMicroelectronics AN4451 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
AN4451
How does the UV sensor work
DocID025985 Rev 1
5/15
1.5
Input bias current (Iib)
By choosing a large feedback resistor while simultaneously trying to achieve a high gain,
the input bias current of the op-amp causes another DC offset: Iib * Rf. Consequently, a
low bias current op-amp is needed to obtain the highest sensitivity. To achieve this, it is
extremely important to choose a CMOS op-amp such as the OA1MPA which offers a very
low Iib (10 pA @25 °C). The total output voltage must also be considered (see formula (5)).
If we consider the UV sensor application described in this document (see Figure 2) and if
we use the OA1MPA as the transimpedance amplifier, the total Vout is:
Vout = 26 nA * 4 * 8.2 M Ω ±200 µV ±10 pA * 8.2 MΩ. Consequently, Vout is in the range
[852.5 mV:853.1 mV]. This represents an error of 330 ppm compared to the theoretical
value.
1.6
UV sensor equivalent circuit
Figure 3 exhibits the equivalent circuit of the photodiode, where Cj and Rj represent
respectively the junction capacitor and the shunt resistor of the diode junction.
Figure 3: Equivalent circuit of UV sensor
1.7
Resistors Rs and Rj
The resistance of the output source, Rs, is generally negligible. On the contrary, the diode
shunt resistance, Rj, should be as high as possible. For example, regarding the UV sensor
GUVA-
C22SD, Rj is in the range 100 GΩ. Effectively, without any current in the
photodiode, an output of 0 V is theoretically expected. However, in reality Vout is as shown
in formula (6).
Clearly, it is extremely important to have a low Vio and an UV sensor with a high Rj to limit
the offset error on the output.
Rj
Cj
Ip
photocurrent
Rs
Serial res



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com