Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3324 Datasheet(PDF) 13 Page - STMicroelectronics

Part # AN3324
Description  Implementing power-on self tests
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3324 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button AN3324 Datasheet HTML 9Page - STMicroelectronics AN3324 Datasheet HTML 10Page - STMicroelectronics AN3324 Datasheet HTML 11Page - STMicroelectronics AN3324 Datasheet HTML 12Page - STMicroelectronics AN3324 Datasheet HTML 13Page - STMicroelectronics AN3324 Datasheet HTML 14Page - STMicroelectronics AN3324 Datasheet HTML 15Page - STMicroelectronics AN3324 Datasheet HTML 16Page - STMicroelectronics AN3324 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 37 page
background image
AN3324
Module software requirements for non applicative peripherals
Doc ID 18311 Rev 2
13/37
This is an additional Safety Layer since the STCU propagates the L/MBIST and internal
faults using the CF/NCF lines toward FCCU. So reading the above registers helps in
increasing the STCU auto-test coverage.
3.3
Redundancy Control Checker Unit (RCCU)
The RCCU unit performs a cycle-by-cycle comparison of the outputs of the modules
included in the sphere of replication (SoR)(b).
The RCCU is able to detect any mismatch between the outputs of two replicated modules.
The error information is forwarded to the Reset Generation Module (RGM) (see Section 3.4:
Reset Generation Module (MC_RGM)) and to the Fault Collection and Control Unit (FCCU)
(see Section 3.5: Fault Collection and Control Unit (FCCU)).
Fault injection for the RCCUs controlled by the FCCU is provided primarily for software
development and validation purposes.
The RCCU’s are only enabled when SPC56EL60 is in the LSM mode.
Note:
Application software must assert that the LSM mode is activated (see Section 3.1: System
Status and Configuration Module (SSCM)).
RCCU is automatically managed by the SPC56EL60 device and user cannot disable it.
3.4
Reset Generation Module (MC_RGM)
User has to configure MC_RGM and FCCU (Fault Collection and Control Unit) (see
Section 3.5: Fault Collection and Control Unit (FCCU)) to react to critical application faults.
User has to trigger reset sequence when one of the following events happen:
a CMU1/2 clock freq. too high/low event
a PLL1 fail event
a system clock freq. too high/low event
a oscillator freq. too low event
a PLL0 fail event
a core watchdog reset event
Note:
RGM_FERD (Functional Event Reset Disable Register) set to zero so that all events trigger
a reset sequence. User should set to zero RGM_FEAR (Functional Event Alternate Request
Register) to allow to generate a SAFE mode request on events if the reset is disabled.
3.5
Fault Collection and Control Unit (FCCU)
User has to configure the FCCU so that it reacts to generate a functional reset or so that it
forces the MCU to switch in fail safe.
It is possible to configure the reaction for each fault source and ensuring the rule described
above is valid for each individual source.
b.
The SoR is the logical part of the device that contains all the modules that are replicated for functional safety
reasons.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com