Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3324 Datasheet(PDF) 21 Page - STMicroelectronics

Part # AN3324
Description  Implementing power-on self tests
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3324 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button AN3324 Datasheet HTML 17Page - STMicroelectronics AN3324 Datasheet HTML 18Page - STMicroelectronics AN3324 Datasheet HTML 19Page - STMicroelectronics AN3324 Datasheet HTML 20Page - STMicroelectronics AN3324 Datasheet HTML 21Page - STMicroelectronics AN3324 Datasheet HTML 22Page - STMicroelectronics AN3324 Datasheet HTML 23Page - STMicroelectronics AN3324 Datasheet HTML 24Page - STMicroelectronics AN3324 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 37 page
background image
AN3324
Module software requirements for non applicative peripherals
Doc ID 18311 Rev 2
21/37
3.11
Temperature sensors
There are two temperature sensors: temperature sensor 0 mapped to ADC_0 channel 15
and temperature sensor 1 mapped to ADC_1 channel 15.
During power up, user software has to read temperature sensors and verify that the values
are similar as means of assessing the functionality of the sensors.
Note:
In case of a fault, software must trigger the appropriate reaction. To set a proper threshold
the customer must consider that the maximum operating junction temperature is 150 °C, for
details please refer to SPC56EL60 datasheet (see B.1: Reference documents in Appendix
B) and the temperature sensor accuracy is 10 °C.
It is mandatory to read the 2 sensors synchronously or with a reduced time interval.
Note:
It is important to note that the ADC is part of the temperature measuring safety integrity
function, and it is therefore required that the BIST of the ADC must be executed once after
the boot even if the ADC is not in application use.
3.12
Software Watchdog Timer (SWT)
The SWT has to be enabled and configuration registers have to be hard-locked against
manipulation.
The time window settings of the SWT have to be set to a value less than the PST(e) (process
safety time). Detection latency is smaller than process safety time.
Before the safety function is executed, the software must verify that the SWT is enabled by
reading the SWT control register (SWT_CR).
Note:
To enable the SWT and to hard-lock the configuration register, the WEN and HLK flags of
the SWT control register (SWT_CR) must be asserted. The timeout register (SWT_TO)
must contain a 32-bit value that represents a timeout less than the process safety time.
Caution:
SWT must be refreshed with a timeline that depends by setted timeout (SWT_TO value).
For this reason it should be configured properly when MCU execute uninterruptible tasks
(see Section 3.10.1: Array integrity self check procedure) to avoid application reset.
e.
PST is strictly application dependant.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com