Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3324 Datasheet(PDF) 22 Page - STMicroelectronics

Part # AN3324
Description  Implementing power-on self tests
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3324 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button AN3324 Datasheet HTML 18Page - STMicroelectronics AN3324 Datasheet HTML 19Page - STMicroelectronics AN3324 Datasheet HTML 20Page - STMicroelectronics AN3324 Datasheet HTML 21Page - STMicroelectronics AN3324 Datasheet HTML 22Page - STMicroelectronics AN3324 Datasheet HTML 23Page - STMicroelectronics AN3324 Datasheet HTML 24Page - STMicroelectronics AN3324 Datasheet HTML 25Page - STMicroelectronics AN3324 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 37 page
background image
AN3324
Module software requirements for non applicative peripherals
Doc ID 18311 Rev 2
22/37
3.13
Power Management Unit (PMU)
Software has to run core voltage LVD and HVD hardware-assisted self-test after the boot.
The PMU provides (to the user) the software capability to check the run of the BIST
procedure, generating non-critical faults (NCFs) or critical faults (CF) conditions for the
FCCU module (see Table 2: Fault assertion conditions).
At each power-on, the self-test circuitry is able to detect a failure of one of the two voltage
detectors and to provide a non critical fault (NCF) to the FCCU (see Section 3.5: Fault
Collection and Control Unit (FCCU)).
Note:
The hardware-assisted self-tests are initiated through the SIL fields in the PMU Control
Register (PMUCTLR_CTRL). If the self-test passes, a Non-Critical Fault is triggered (see
Figure 8: PMU power-on self test flow). If the self-test fails, a PMUCTRL_IRQS and Critical
Fault are asserted.
The BIST execution is controlled by the PMUCTRL_CTRL[SILHT] field (see Figure 7: Built-
in self test flow).
Figure 7.
Built-in self test flow
Table 2.
Fault assertion conditions
Fault number
Signal
NCF[13]
LVD BIST ok in test mode
NCF[14]
HVD BIST ok in test mode
CF[21]
LVD/HVD BIST failure result in test mode
LVD
(SILHT = 00)
Write SILHT = 01
IDLE MODE
TEST MODE
(SILHT = 01)
HVD
TEST MODE
(SILHT = 10)
Write SILHT = 10
Automatically at the
end of test



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com