Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3324 Datasheet(PDF) 28 Page - STMicroelectronics

Part # AN3324
Description  Implementing power-on self tests
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3324 Datasheet(HTML) 28 Page - STMicroelectronics

Back Button AN3324 Datasheet HTML 24Page - STMicroelectronics AN3324 Datasheet HTML 25Page - STMicroelectronics AN3324 Datasheet HTML 26Page - STMicroelectronics AN3324 Datasheet HTML 27Page - STMicroelectronics AN3324 Datasheet HTML 28Page - STMicroelectronics AN3324 Datasheet HTML 29Page - STMicroelectronics AN3324 Datasheet HTML 30Page - STMicroelectronics AN3324 Datasheet HTML 31Page - STMicroelectronics AN3324 Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 37 page
background image
AN3324
CPU core initialization
Doc ID 18311 Rev 2
28/37
Appendix A
CPU core initialization
User, before MCU initialization must initialize CPU core and prepare the right environment
on what user code is executed.
The booting phase include (see Section A.2: Example of SPC56EL60 boot file for Flash):
●
Define reset vector
●
Initialize CPU registers (see Section A.1: CPU register initiliazation)
●
MMU programming
●
Initialize stack and small data section pointers
A.1
CPU register initiliazation
After SPC56ELx reset, core registers must be initialized to a known value to avoid
unexpected fault triggered.
SPC56ELx cores (in Lock Step configuration) are linked to a checker that verify their
alignment: output of Core_0 is compared to output of Core_1 through RCCU (see
Section 3.3: Redundancy Control Checker Unit (RCCU)): if a difference is found the error is
forwarded (see Figure 10: SPC56EL60: checking flow) to FCCU (see Section 3.5: Fault
Collection and Control Unit (FCCU)) and to RGM (see Section 3.4: Reset Generation
Module (MC_RGM)).
Figure 10.
SPC56EL60: checking flow
Core 0
RGM
RCCU
(Checker)
Core 1
FCCU



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com