Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM1559 Datasheet(PDF) 7 Page - STMicroelectronics

Part # UM1559
Description  The STEVAL-IHM041V1 is a Triac based phase angle control for universal motor speed
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1559 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button UM1559 Datasheet HTML 3Page - STMicroelectronics UM1559 Datasheet HTML 4Page - STMicroelectronics UM1559 Datasheet HTML 5Page - STMicroelectronics UM1559 Datasheet HTML 6Page - STMicroelectronics UM1559 Datasheet HTML 7Page - STMicroelectronics UM1559 Datasheet HTML 8Page - STMicroelectronics UM1559 Datasheet HTML 9Page - STMicroelectronics UM1559 Datasheet HTML 10Page - STMicroelectronics UM1559 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
UM1559
Schematic and bill of material
Doc ID 023542 Rev 1
7/13
TP1, TP2
Test point
U1
TSV358IYDT
STMicroelectronics
TSV358IYDT
U2
L7805AC
STMicroelectronics
L7805ACD2T-TR
U3
LM393
STMicroelectronics
LM393AD
U4
STM8S103F3P6
STMicroelectronics
STM8S103F3P6
Z1
10 V
Table 2.
Alternate bill of materials for 230 V/50 Hz operation
Designator
Value
C2
1 µF, 400 V
R2, R3, R5, R6
82 k
Ω
Table 1.
BOM (continued)
Designator
Part/value
Manufacturer
Manufacturer part no.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com